| Electronic Components Datasheet Search |
|
ZAMC4100 Datasheet(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100 Datasheet(HTML) 79 Page - Renesas Technology Corp |
|
79 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 79 January 26, 2016 3.12.2. ADC External Inputs Configuration The external analog inputs AIN1-AIN4 of the ADC can be configured for measurement in ratiometric or absolute mode or for temperature measurement using internal current sources. All AINx inputs are configured via settings in the AINCONF register (see Table 3.32 and Table 3.33). Figure 3.21 Ratiometric versus Absolute Measurement Inputs Configuration S_P AINx S_N ADC SPSWEN VREFP VREFN VSSA VDD5V0 SNSWEN Signal Source AINx VSSA Int.Ref VREF ADC VREFP VREFN A) External Sensor Supply C) Absolute Measurement S_P AINx S_N VSSA VDD5V0 -VE +VE Ratiometric Inputs Configuration B) Internal Sensor Supply Ratiometric Measurement on AIN1-AIN4 By default, the analog input pins are configured for ratiometric measurements with the external supply source as shown in the Figure 3.21-A. The ADC reference inputs are connected to the S_P or S_N pins, which “sense” the sensor supply voltage and ensure accurate ratiometric conversion results. The supply switches SPSWEN and SNSWEN are controlled by the AINCONF register. This register will determine the usage of the external or internal supply source for the sensor and the ADC reference as shown in Figure 3.21-A and Figure 3.21-B. In general, when the external sensor supply source is used, the measurement can provide more accurate results because the voltage drop across the connections to the S_P and S_N pins is negligible due to the very low current through them. If the signed ADC result mode is used, the sign is determined as positive if the measured voltage is in the upper half of the voltage difference between S_P and S_N pins and negative if in the lower half. Absolute Measurement on AIN1-AIN4 Absolute measurement as shown in Figure 3.21-C can be achieved by setting the AINxMD bits in the AINCONF register (where x = channel 1 to 4). During the absolute measurement, the ADC uses its internal reference and the sensor absolute voltage is measured at the corresponding AINx pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |