Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 28Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 29Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 30Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 31Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 32Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 34Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 35Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
32
January 26, 2016
2.10.1.
MCU GPIOs
Each general-purpose input/output (GPIO) pin can be individually configured to operate as an input or output. If
configured as an output, the value driven at the GPIO can be directly written or controlled via a set-clear register.
Additionally, each GPIO pin can be enabled to be used as a trigger source or as interrupt source with a selectable
edge.
2.10.2.
MCU Timer Module
The MCU timer module provides event counting with a 32-bit resolution. It is capable of counting clock events in
timer mode and events from a selectable external trigger signal in counter mode. The external trigger can be
configured to operate on rising or falling edges as well as on a low or high level.
2.10.3.
MCU SPI Master
The integrated SPI is a pure master interface that is used for communication with the SBC chip. The CSN line
must be controlled by software. The SPI clock frequency is configurable by software with a maximum frequency of
half of the system clock frequency.
2.10.4.
MCU LIN Controller
The software-controlled LIN controller provides the logic to handle the LIN bus communication on the frame level
(see Figure 2.3). It consists out of BREAK/SYNC detector, 4-second inactivity timer, and a UART data unit for
frame receiving/transmitting. The LIN wake-up event is detected in the SBC chip and the interrupt on the IRQN
line is generated. The packet-level LIN communication (network layer in Figure 2.2) is handled by the MCU
firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com