Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
19
January 26, 2016
HS2-4 (High-Side Switches)
Switch-on resistance (at 27°C; VSUP=13.5V; IHS2,3,4=0.3A)
RDSON_HS2,3,4
500
700
900
mΩ
Over-current shut down
IOC_HS2,3,4
0.35
0.45
0.55
A
Leakage current
ILEAKAGE_HS2,3,4
-
<0.5
5
μA
Current sense ratio
CSR_HS2,3,4
47000
52500
58000
-
HB1,2 (Half-Bridges)
1)
Switch-on resistance (at 27°C; VSUP=13.5V; IHB1,2=1A)
RDSON_HB1,2
150
240
330
mΩ
Over-current shut down
IOC_HB1,2
3.0
3.5
4.0
A
Leakage current
ILEAKAGE_HB1,2
-
<0.5
10
μA
Current sense ratio
CSR_HB1,2
350000
385000
420000
-
HB3,4 (Half-Bridges)
1)
Switch-on resistance (at 27°C; VSUP=13.5V; IHB3,4=0.5A)
RDSON_HB3,4
700
900
1100
mΩ
Over-current shut down
IOC_HB3,4
0.6
0.7
0.8
A
Leakage current
ILEAKAGE_HB3,4
-
<0.5
7
μA
Current sense ratio
CSR_HB3,4
70000
76500
83000
-
Open/Short Diagnostic Parameters (all HB and HS Drivers)
Diagnostic current source/sink
IHB1..4_CS,
IHS1..4_CS
80
100
120
μA
Open/short flag threshold level
VOSF_DR
0.4
-
1.5
V
1)
Parameters specified for both halves: high-side and low-side.
Table 1.9
EC Driver Static Parameters
Parameter
Symbol
Min.
Typ.
Max.
Unit
High-Side
Over-current shut down
IOC_EC_RES
0.4
-
-
A
Leakage current
ILEAKAGE_EC_RES
-
0.1
7
μA
Low-Side
Switch-on resistance (at 27°C ; VSUP=13.5V; IEC_RES=0.1A)
RDSON_EC_M
500
1000
1500
mΩ
Over-current shut down
IOC_EC_M
0.4
-
-
A
Leakage current
ILEAGAGE_EC_M
-
5
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com