Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
24
Figure 4-10: Detailed TX to RX (Self Jammer) Path Block Diagram
11 dB pad
1 dBm
31 dBm
+30 dB
PA
Indy Reader Chip
TX
LO
-10
dB
10 dB
return
loss
-1 dB
30
dBm
10 dBm
20
dBm
PA
Self Jammer Path
LO Path
RX
Balun and
matching
+
-
+
-
+
-
0/90
10 dB
coupler
Balun and
matching
Balun and
matching
6 dB SAW
filter/Pad
7 dBm
-6 dB
KEY:
5.3.2 TX to LO (Self Jammer Cancellation) Path
The TX to LO or “Self Jammer Cancellation” path is the path taken by the transmitted high power signal that is
coupled through the directional coupler
towards the reader’s LO port. Example losses and gains of this signal along
the path are shown in Figure 4-11. These values are approximately based on the configuration used in the R2000
development kit and reference design. The path gains and losses are described below. The gains and losses are the
same as the TX to RX path until the signal hits the directional coupler.
1.
The TX signal exits the Indy
Reader chip’s differential TX pins at the user specified power level.
2.
The signal passes through the TX balun and matching network, with a certain amount of loss, for a power
level of 7 dBm.
3.
The signal passes through the SAW filter or pad (depending on configuration), attenuated by 6 dB, for a
power level of 1 dBm.
4.
The signal is amplified by 30 dB by the external PA, for a power level of 31 dBm.
5.
The signal passes through the directional coupler to the coupled port, with an attenuation of 10 dB, for a
power level of 21 dBm.
6.
The signal is attenuated by 11 dB by the pad, for a power level of 10 dBm.
a.
This attenuation is selected such that the amplitude of the LO signal will be equal to the maximum
expected self jammer signal at the RX port, as described in section 5.1.5.
7.
The 10 dBm signal passes through the balun and matching network, again with the balun’s characteristic
loss, and enters the Indy reader chip’s differential LO port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com