Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
33
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
080
–
08f
TX_SD
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode table for
user defined instructions,
16 registers.
The “ends low” flag is used
for Manchester encoding
to determine whether the
programmed symbol ends
low.
The invert amplitude flag
inverts the LUT value
stored, i.e., output =
1-LUT.
The sign switching bits
determine if the sign
switches at the start of the
instruction. The LUT start
address is zero indexed.
090
–
09f
TX_HOLD
R/W
11:0
Hold value
h0000
TX microcode table for
user defined instructions,
16 registers.
Determines how long the
last sample of the LUT
command shall be held.
Specified in TX clock
cycles.
0a0
TX_SD_D0_0_A
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode for first part
of data-0.
This instruction is used
when the previous symbol
did not have its ends low
flag set or if Manchester
encoding is disabled.
0a1
TX_SD_D0_1_A
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode for second
part of data-0.
This instruction is used
when the previous symbol
did not have its ends low
flag set or if Manchester
encoding is disabled.
0a2
TX_SD_D1_0_A
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode for first part
of data-1.
This instruction is used
when the previous symbol
did not have its ends low
flag set or if Manchester
encoding is disabled.
0a3
TX_SD_D1_1_A
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode for second
part of data-1.
This instruction is used
when the previous symbol
did not have its ends low
flag set or if Manchester
encoding is disabled.
0a4
TX_SD_N0
R/W
15
14
13
12
11
10:5
4:0
Ends low flag for Manchester
encoding
Invert amplitude I
Invert amplitude Q
Enable I sign switching
Enable Q sign switching
LUT start address
Number of samples
h0000
TX microcode for first part
of the default symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com