Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
48
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
260
RX_FILTER_SEL
R/W
5:4
3
2
1
0
DC compensation decay
factor
DC compensation scaling
Enable DC compensation
(iPico)
Filter bank selection
Bypass RX channel filters
h0000
Decay factor:
0 = 1/32
1 = 1/64
2 = 1/128
3 = 1/256
DC compensation scaling:
0 = 0.5
1 = 0.625
Bank selection:
0 = Configuration A (regs
h300 - h32E).
1 = Configuration B (regs
h330 - h35E).
Filter by-pass:
0 = Include filters.
1 = No filtering.
261
RX_FILT_I_VAL
R
15:0
RX filter I-output
h0000
The output value is sign
extended to 16 bits.
This register is auto-
readable.
262
RX_FILT_I_MO
R/W
14
13:0
Enable manual override
Override value of RX filter I-
output
h0000
263
RX_FILT_Q_VAL
R
15:0
RX filter Q-output
h0000
The output value is sign
extended to 16 bits.
This register is auto-
readable.
264
RX_FILT_Q_MO
R/W
14
13:0
Enable manual override
Override value of RX filter Q-
output
h0000
265
RX_IIR_VAL
R
0
rx_iir_hold signal from FSM
h0000
266
RX_IIR_MO
R/W
1
0
Enable manual override
Override value of
rx_iir_hold
h0000
The FSM sets
rx_iir_hold high when
the remaining bits to be
received is less than or
equal to
rx_iir_hold_bits.
270
RX_PH_RECOV_
EN
R/W
0
Enable phase recovery
h0000
Bit 0 enables/disables the
phase recovery.
271
REG_KS2
R/W
2:0
Phase recovery proportional
gain
h0000
Proportional gain of the
phase recovery:
0 = 8 * 2-10
1 = 16 * 2-10
2 = 32 * 2-10
3 = 64 * 2-10
4 = 128 * 2-10
5 = 256 * 2-10
6 = 512 * 2-10
7 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com