Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
52
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
297
SFILT_COEFF_6
R/W
15:8
7:0
Smoothing filter coefficient
c12
Smoothing filter coefficient
c11
h0000
s-1.8
s-1.8
298
SFILT_COEFF_7
R/W
15:8
7:0
Smoothing filter coefficient
c14
Smoothing filter coefficient
c13
h0000
s-1.8
s-1.8
299
SFILT_COEFF_8
R/W
15:8
7:0
Smoothing filter coefficient
c16
Smoothing filter coefficient
c15
h0000
s-1.8
s-1.8
29A
MATCH_FILT_VAL
R
12:10
9:2
1
0
Value of max_idx
Value of max_mag
Value of rclk_match_filt
Value of pream_found
h0000
29B
MATCH_FILT_MO
R/W
13
12:10
9:2
1
0
Enable manual override
Override value of max_idx
Override value of max_mag
Override value of
rclk_match_filt
Override value of
pream_found
h0000
29C
MATCH_FILT_
SOFT
R
10:8
7:0
Selected matched filter index
Selected matched filter
magnitude
Soft demodulation data.
This register is auto-
readable.
2a0
DRATE_ENABLE
R/W
1
0
Enable data rate correction
Hold correction on preamble
found
h0000
2a1
–
2ab
RCORR_TICKS
R/W
13:0
Clock rates of rate correlators
h0000
Number of 48 MHz clock
ticks per oversampled
demodulator clock period.
The value is scaled with
24.
2b1
–
2bb
RCORR_LUT
R/W
13:0
Tick compensation LUT
h0000
2bC
RCORR_MAG
R
6:0
Maximum magnitude of the
rate estimation correlators
h0000
This register is auto-
readable.
2bd
DRATE_CTRL
R/W
7
6
5
4:0
Rate estimation filter length
Enable abs value in rate est
restart
Enable median filter in restart
Peak hold counter
h0000
Selection of rate estimator
filter length:
0 = 64 taps
1 = 96 taps
The rate estimator filter
bank coefficients are
programmable and defined
in registers h360-h365.
2be
DRATE_THRES
R/W
15:8
6:0
Rate estimator restart
threshold
Rate correction threshold
hFF00
If the rate estimator restart
threshold is set to hFF the
restart mechanism is
disabled.
2bf
DRATE_CNT_
THRES
R/W
15:8
7:0
Above count threshold
Below count threshold
h0000
The number of samples
above/below the threshold
required to set/reset rate
est. flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com