Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
41
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
106
DP_STAT
R
7:4
3:0
RX FIFO status
TX FIFO status
h0000
Both the RX and the TX
FIFO has 16 positions.
The RX FIFO status is the
number of free positions in
the FIFO. Zero value of the
status means both full
FIFO and one position
empty.
The TX FIFO status is the
number of occupied
positions in the FIFO. The
value hF means both full
FIFO and one position
empty.
DP_CTRL
W
7
6:4
3
2:0
Flush RX FIFO
RX FIFO watermark
Flush TX FIFO
TX FIFO watermark
h0044
The RX watermark is for
overflow while the TX
watermark is for underflow.
The watermark is indicated
through an interrupt. For
the RX FIFO the interrupt
is only asserted on writes
to the FIFO and for the TX
FIFO the interrupt is only
asserted of reads.
The watermarks are set to
4 by default.
Writing the flush bit only
clears the FIFO once.
107
ISR
R
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SJC algorithm done
Filter tuning done
IF Filter too low
IF Filter too high
Lock detect change
IF LNA too low
IF LNA too high
Non-empty RX FIFO
AUX ADC done
SDI RX FIFO overflow
RX FIFO at watermark
RX time-out
RSSI done
ADC input overdriven
Read from TX FIFO
TX FIFO at watermark
h0000
Read clears all nibbles of
the interrupt register. Bits
15:12 are only readable
and cleared through the
indirect register map.
This register is auto-
readable.
The TX and RX watermark
interrupts occurs only
when the number of
entries in the FIFO is
exactly at the offset
specified by the
watermark.
Four more interrupts are
available through the
indirect memory. There are
only cleared when the
indirect memory is read.
108
DP_CTRL
R/W
7:0
Indirect address for
DP_CTRL
h0044
FIFO Watermark
programming.
See direct register map for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com