Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
37
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
0cb
TX_RU_TO
R/W
15:0
Initial ramp-up, hold time
h0000
Time to wait after initial
ramp up (tag reset
duration). Specified from
start of ramp-up in 12 MHz
clock cycles.
0cd
TX_PDIST_COEFF
0
R/W
15:0
Predistortion coefficient, c0
h0000
s6.9
0ce
TX_PDIST_COEFF
1
R/W
15:0
Predistortion coefficient, c1
h0000
s6.9
0cf
TX_PDIST_COEFF
2
R/W
15:0
Predistortion coefficient, c2
h0000
s6.9
0d0
TX_PDIST_COEFF
3
R/W
15:0
Predistortion coefficient, c3
h0000
s6.9
0d1
TX_PDIST_COEFF
4
R/W
15:0
Predistortion coefficient, c4
h0000
s6.9
0d2
TX_PDIST_COEFF
5
R/W
15:0
Predistortion coefficient, c5
h0000
s6.9
0d3
EOT_RU_TIME
R/W
11:0
CORDIC disable delay
h0000
Time to wait (in 48 MHz
clock cycles) before re-
centering the carrier in
SSB mode after the EOT
command has been read
from the TX FIFO.
Observe that this time
must be shorter than the
RX delay in the EOT
command.
0d4
BIX_MAX
R/W
15:0
h0000
0d5
PR_ASK_DELAY
R/W
15:8
7:0
PR-ASK delay 2
PR-ASK delay 1
h0000
For delaying the
txpsk_phase signal.
Specified in two parts,
each is specified in
48 MHz clock cycles.
0d6
PA_EN_OFFSET
R/W
15:8
7:0
Delay after PA enable
Delay after PA buffer enable
h0000
Provided to give PA parts
a while to settle. Specified
in 48 MHz cycles.
0D8
TXFILT_HOLD_EN
_DELAY
R/W
15:0
h0000
Delay from start of EOT
command until sample and
hold in the TX filter is
activated. Specified in 24
MHz cycles.
0D9
TXFILT_HOLD_
DISABLE_DELAY
R/W
15:0
h0000
Delay from the end of the
RX cycle until the sample
and hold in the TX filter is
released. Specified in 24
MHz cycles.
0DA
TXFILT_HOLD_
PERIOD
R/W
15:0
h0000
Period of the refresh
signal. Specified in 3 MHz
cycles. The automatic
refresh mechanism is
disabled if the period is set
to h0000.
0DB
RXLO_RU_DELAY
R/W
15:0
rxlo_ru_delay
h0000
Specified in 12 MHz clock
cycles
0DC
RXLO_TX_DELAY
R/W
7:0
rxlo_tx_delay
h0000
Specified in 48 MHz clock
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com