Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
27
Figure 6-1: VCO Tuning Curves
Figure 6-2 shows the phase noise at 900 MHz. The phase noise is -125 dBc/Hz at 250 kHz offset. The phase noise
is measured at the output of the transmitter at an output power of +10 dBm. Table 17 shows the measured phase
noise at 250 KHz offset versus current in the vdd_vco pin.
Table 17: Phase noise versus VCO current
Register
$418
I(vdd_vco)
[mA]
Phase noise
[dBc/Hz]
1
15
-97.6
3
19
-115.7
0xB
25
-121.5
0x30
30
-123.5
0xC0
38
-125
0xF0
40
-125.2
7.00E+08
7.50E+08
8.00E+08
8.50E+08
9.00E+08
9.50E+08
1.00E+09
1.05E+09
1.10E+09
0
0.5
1
1.5
2
2.5
3
3.5
Vtune (V)
Band0
Band1
Band2
Band3
Band4
Band5
Band6
Band7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com