Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
12
4.3
Transceiver Functional Specifications
Table 8 provides power consumption specifications for the reader chip, and Table 9 provides receiver specifications
with respect to voltage rails.
Table 8: Power Consumption Specifications in Mission Mode (Reading Tags) and Reset
Parameter
Min.
Typ.
Max.
Unit
Conditions
Power consumption
while performing
inventory, SJC off
1100
mW
at 17.5 dBm
1000
mW
at 12 dBm
875
mW
at 1.4 dBm
Power consumption
while performing
inventory, SJC on
1600
mW
at 17.5 dBm
1500
mW
at 12 dBm
1375
mW
at 1.4 dBm
Power consumption
in reset
0.2
mW
Note. Power consumption data is based on a combination of measurements taken on a small sample size using an
engineering test fixture, and simulations of the chip.
Table 9: Indy R2000 Reader Chip
— Receiver Specifications
Parameter
Min.
Typ.
Max.
Unit
Conditions
Input frequency
860
960
MHz
Differential input
impedance
50
Ω
Frequency = 900 MHz
Note Recommended Balun in App Note
Differential input match
9
dB
S11
IIP2
+50
dBm
IP1dB
-2
+6
dBm
RF high/low gain settings
LO leakage
-60
dB
At RF input
IF bandwidth
10
MHz
Chip Sensitivity
(1% PER)
-93
dBm
(ISO 18000-63 1% PER, FM0 40kbps)
-79
dBm
(ISO 18000-63 1% PER, FM0 40kbps,
+15dBm carrier)
-93.5
dBm
(ISO 18000-63 1% PER, M4 62.5kbps)
-80
dBm
(ISO 18000-63 1% PER, M4 62.5kbps,
+15dBm carrier)
-77
dBm
(ISO 18000-6B 1% PER, 40kbps)
Maximum carrier incident
at RX port
+10
dBm
Gain: RF-LNA 7dB, IF-LNA 24dB.
Self-jammer Suppression
20
dB
+10 dBm self-jammer at RX port
+10 dBm LO signal at chip interface
Maximum Interferer
+2
dBm
In-channel RSSI dynamic
range in high gain
-45
-120
dBm
dBm
Maximum level
Minimum level
RSSI register size
14
Bits
Co-channel selectivity
-
Dependent on off-chip filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com