Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
61
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
416
ANA_CTRL7
R/W
14:10
9:5
4:0
pa_mid_match
pa_bufbias
pa_drvbias
h410F
Analog control signals.
pa_mid_match sets the PA
driver load center
frequency, default setting
is h10.
pa_bufbias sets the PA
buffer bias, default setting
is hF.
pa_drvbias sets the PA
driver bias, default setting
is h8.
417
ANA_CTRL8
R/W
7:5
4:0
vco_band
pa_pabias
h01A7
Analog control signals.
vco_band setting:
0 = Maximum frequency
7 = Minimum frequency
pa_pabias sets the bias of
the PA output stage,
default setting in SSB
mode is hD and default
setting in PSK is h7.
418
ANA_CTRL9
R/W
8:0
vco_bias
h0000
Analog control signals.
vco_bias setting:
0x0 = Minimum current
0x100 = Maximum current
419
ANA_CTRL10
R/W
13:4
3:2
1:0
pll_r
pll_inv
pll_reset
h0184
Analog control signals.
pll_r is the divider ratio of
the R-divider in the PLL.
pll_inv setting:
0 = test mode
1 = normal mode
2 = inverted feedback loop
pll_reset decides the width
of the charge pump pulse.
Pll_reset setting:
00 = max width
11 = min width
41a
ANA_CTRL11
R/W
15:8
7:0
dac1_data
dac0_data
h0000
Analog control signals.
Input value to AUX DAC 1
and 0 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com