Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
43
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
111
LOCK_DETECT_
CNT
R/W
15:0
Lock detect integration time
h0000
Number of comparison
cycles until lock detect is
asserted. Specified in
48 MHz cycles.
112
LOCK_DET_VAL
R
0
Lock detect signal from FSM
h0000
113
LOCK_DET_MO
R/W
1
0
Enable manual override
Override value
h0000
Override of the PLL lock
detect signal from the
FSM.
114
CLK_DBL_MO
R/W
8
7:0
Enable manual override
Override value for clock
doubler
h0000
Override of the clock
doubler delay setting.
115
CLK_DBL_VALUE
R
7:0
Clock doubler value
h0000
Read back of clock
doubler delay setting.
116
IF_TUNING_CTRL
R/W
3:2
1
0
Tuning speed
Filter selection
Start filter tuning
h0000
The tuning speed settings
generates the following
tuning rates:
0 = 100 kHz
1 = 50 kHz
2 = 25 kHz
The filter selection
determines which filter to
tune:
1 = RX IF filter
0 = TX IF filter
The start tuning bit is self-
clearing.
117
IF_FILTER_
RTUNE
R/W
13:8
7:6
5:0
tune_r_tx
Not used
tune_r_rx
h0000
R values for the tuning
machine. Indirectly sets
the bandwidth of the TX
reconstruction filter and
the RX IF filter.
118
FILTER_CAP_VAL
R
13:8
7:6
5:0
txfilt_cap
Not used
iffilt_cap
Result from filter tuning
machine.
119
FILTER_CAP_MO
R/W
14
13:8
7
6
5:0
Enable MO of txfilt_cap
Override value of txfilt_cap
Not used
Enable MO of iffilt_cap
Override value of iffilt_cap
h0000
Override register for the
capacitance values
provided by the filter tuning
state-machine.
11A
DCREM_VAL
R
3
2
1
0
mixer_lc_load value from
logic
dcrem_open_dc value from
MUX
dcrem_short value from MUX
dcrem_open value from MUX
Read back of DC removal
settings as set by the
FSM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com