Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
28
Figure 6-2: Synthesizer Phase Noise
Figure 6-3 shows the PLL settling time with a reference frequency of 1 MHz, corresponding to a 250 kHz carrier
frequency grid. The settling time to ±100 kHz is measured at approximately 140
s. This measurement illustrates
only the linear response of the PLL, that is, a PLL calibration is not performed. For this measurement the PLL is
directly commanded to change frequencies by writing the M-divider value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com