Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
60
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
412
ANA_CTRL3
R/W
5:4
3:2
1:0
Iffilt_pdet_lo
Iffilt_pdet_hi
ifagc_lim
h0000
Analog control signals.
The ifagc_lim setting
generates the following
clipping levels:
0 = 770 mV
1 = 580 mV
2 = 500 mV
3 = 400 mV
413
ANA_CTRL4
R/W
7
6
5
4:3
2:0
rxadc_lime
rxadc_clkinv
rxadc_pr
txfilt_2p
txfilt_gain
h0000
Analog control signals.
rxadc_lime enables the
limiting function in the
ADC.
rxadc_clkinv enables
triggering on the falling
edge of the clock instead
of rising.
rxadc_pr enables the
dithering function.
The txfilt_2p setting
enables the TX-filter 2-pole
mode.
txfilt_gain default setting is
3.
414
ANA_CTRL5
R/W
12:10
9:7
6:3
2:0
txlo_bias
txmix_gain
txmix_pwr
txmix_bias
h0000
Analog control signals.
txlo_bias control bias of
the LO buffer, default
setting is 3.
txmix_gain control V2I
gain, default setting is 3.
txmix_pwr setting controls
the mixer gain:
2 = -20 dB
3 = -18 dB
8 = -12 dB
11 = -10 dB
txmix_bias has default
setting 2.
415
ANA_CTRL6
R/W
12:9
8:3
2:0
pa_ssb
pa_power
pa_in_match
h0000
Analog control signals.
pa_ssb sets different
operation modes for the
PA:
15 = Linear mode
0 = Non-linear mode
pa_power controls the gain
in linear mode:
3 = 13 dB
31 = 17 dB
pa_in_match sets the
mixer load center
frequency, default setting
is 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com