Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 4 Page - Analog Devices

  ADP3186 Datasheet HTML 1Page - Analog Devices ADP3186 Datasheet HTML 2Page - Analog Devices ADP3186 Datasheet HTML 3Page - Analog Devices ADP3186 Datasheet HTML 4Page - Analog Devices ADP3186 Datasheet HTML 5Page - Analog Devices ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP3186
Rev. A | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Positioning Accuracy
ΔV
FB
Figure 4
−77
−80
−83
mV
Output Voltage Range
0.05
2.7
V
Output Current
ICSCOMP
500
μA
CURRENT BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
20
30
40
kΩ
Input Current
ISW(X)
SW(X) = 0 V
4
7
10
μA
Input Current Matching
ΔI
SW(X)
SW(X) = 0 V
−5
+5
%
CURRENT LIMIT COMPARATOR
Output Voltage
Normal Mode
VILIMIT(NM)
EN > 2.0 V, RILIMIT = 250 kΩ
2.9
3
3.1
V
Shutdown Mode
VILIMIT(SD)
EN < 0.8 V, IILIMIT = −100
μA
400
mV
Output Current, Normal Mode
IILIMIT(NM)
EN > 2.0 V, RILIMIT = 250 kΩ
12
μA
Maximum Output Current2
60
μA
Current Limit Threshold Voltage
VCL
VCSREF – VCSCOMP, RILIMIT = 250 kΩ
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/
μA
DELAY Normal Mode Voltage
VDELAY(NM)
RDELAY = 250 kΩ
2.9
3
3.1
V
DELAY Overcurrent Threshold
VDELAY(OC)
RDELAY = 250 kΩ
1.7
1.8
1.9
V
Latch-Off Delay Time
tDELAY
RDELAY = 250 kΩ, CDELAY = 12 nF
1.5
ms
SOFT START
Output Current, Soft Start Mode
IDELAY(SS)
During startup, DELAY < 2.8 V
15
20
25
μA
Soft Start Delay Time
tDELAY(SS)
RDELAY = 250 kΩ, CDELAY = 12 nF,
VID code = 011111
1
ms
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.8
V
Input High Voltage
VIH(EN)
2.0
V
Input Current, Input Voltage Low
IIL(EN)
EN = 0 V
−1
+1
μA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−200
−300
−400
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
200
300
400
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
150
400
mV
OFF_State Leakage Current
VCSREF = VDAC
50
μA
Power Good Delay Time
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
2.0
2.1
2.2
V
Crowbar Reset Point
300
400
500
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400
μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = +400
μA
4.0
5
V
SUPPLY
DC Supply Current
5
10
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.5
6.9
7.3
V
UVLO Hysteresis
0.7
0.9
1.1
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design or bench characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com