Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP3186
Rev. A | Page 12 of 24
Table 4. VID Codes for the ADP3186
VID4
VID3
VID2
VID1
VID0
Output
1
1
1
1
1
No CPU
1
1
1
1
0
0.800 V
1
1
1
0
1
0.825 V
1
1
1
0
0
0.850 V
1
1
0
1
1
0.875 V
1
1
0
1
0
0.900 V
1
1
0
0
1
0.925 V
1
1
0
0
0
0.950 V
1
0
1
1
1
0.975 V
1
0
1
1
0
1.000 V
1
0
1
0
1
1.025 V
1
0
1
0
0
1.050 V
1
0
0
1
1
1.075 V
1
0
0
1
0
1.100 V
1
0
0
0
1
1.125 V
1
0
0
0
0
1.150 V
0
1
1
1
1
1.175 V
0
1
1
1
0
1.200 V
0
1
1
0
1
1.225 V
0
1
1
0
0
1.250 V
0
1
0
1
1
1.275 V
0
1
0
1
0
1.300 V
0
1
0
0
1
1.325 V
0
1
0
0
0
1.350 V
0
0
1
1
1
1.375 V
0
0
1
1
0
1.400 V
0
0
1
0
1
1.425 V
0
0
1
0
0
1.450 V
0
0
0
1
1
1.475 V
0
0
0
1
0
1.500 V
0
0
0
0
1
1.525 V
0
0
0
0
0
1.550 V
POWER GOOD MONITORING
The power good comparator monitors the output voltage via the
CSREF pin. The PWRGD pin is an open-drain output whose
high level (when connected to a pull-up resistor) indicates that
the output voltage is within the nominal limits specified in the
specifications in Table 4 based on the VID voltage setting.
PWRGD goes low if the output voltage is outside this specified
range, if all the VID DAC inputs are high, or whenever the EN
pin is pulled low. PWRGD is blanked during a VID OTF event
for a period of 100 μs to prevent false signals during the time
the output is changing.
OUTPUT CROWBAR
As part of the protection for the load and output components of
the supply, the PWM outputs are driven low (turning on the
low-side MOSFETs) and the CROWBAR logic output goes high
when the output voltage exceeds the upper crowbar threshold.
This crowbar action stops once the output voltage falls below the
release threshold of approximately 400 mV.
Turning on the low-side MOSFETs pulls down the output as the
reverse current builds up in the inductors. If the output over-
voltage is due to a short in the high-side MOSFET, this action
current-limits the input supply or blows its fuse, protecting the
microprocessor from destruction.
The CROWBAR output can be used to signal an external input
crowbar or other protection circuit.
OUTPUT ENABLE AND UVLO
For the ADP3186 to begin switching, the input supply (VCC) to
the controller must be higher than the UVLO threshold, and
the EN pin must be higher than its logic threshold. If UVLO is
less than the threshold or the EN pin is a logic low, the ADP3186
is disabled. This holds the PWM outputs at ground, shorts the
DELAY capacitor to ground, and holds the ILIMIT pin at ground.
In the application circuit, the ILIMIT pin should be connected
to the OD pins of the ADP3110A. The ILIMIT being grounded
disables the drivers such that both DRVH and DRVL are
grounded. This feature is important in preventing the discharge
of the output capacitors when the controller is shut off. If the
driver outputs were not disabled, a negative voltage could be
generated during output due to the high current discharge of
the output capacitors through the inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com