Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP3186
Rev. A | Page 10 of 24
The feedback resistor between CSCOMP and CSSUM sets the
gain of the amplifier and a filter capacitor is placed in parallel
with this resistor. The gain of the amplifier is programmable by
adjusting the feedback resistor to set the load line required by
the microprocessor. The current information is then given as
the difference of CSREF minus CSCOMP. This difference signal
is used internally to offset the VID DAC for voltage positioning
and as a differential input for the current limit comparator.
To provide the best accuracy for sensing current, the CSA is
designed to have a low offset input voltage. Also, the sensing
gain is determined by external resistors so that it can be made
extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output current
at the CSCOMP pin can be scaled to equal the droop impedance
of the regulator times the output current. This droop voltage is
then used to set the input control voltage to the system. The
droop voltage is subtracted from the DAC reference input vol-
tage directly to tell the error amplifier where the output voltage
should be. This differs from previous implementations and allows
enhanced feed-forward response.
CURRENT CONTROL MODE AND THERMAL
BALANCE
The ADP3186 has individual inputs for each phase, which are
used for monitoring the current in each phase. This information
is combined with an internal ramp to create a current balancing
feedback system, which has been optimized for initial current
balance accuracy and dynamic thermal balancing during
operation. This current balance information is independent of
the average output current information used for positioning
described previously.
The magnitude of the internal ramp can be set to optimize the
transient response of the system. It also monitors the supply
voltage for feed-forward control for changes in the supply. A
resistor connected from the power input voltage to the RAMPADJ
pin determines the slope of the internal PWM ramp. Detailed
information about programming the ramp is given in the
Application Information section.
External resistors can be placed in series with individual phases
to create, if desired, an intentional current imbalance such as
when one phase may have better cooling and can support higher
currents. Resistors RSW1 through RSW4 (see the typical appli-
cation circuit in Figure 10) can be used for adjusting thermal
balance. It is best to have the ability to add these resistors during
the initial design, so make sure that placeholders are provided in
the layout.
To increase the current in any given phase, make RSW for that
phase larger (make RSW = 0 for the hottest phase and do not
change during balancing). Increasing RSW to only 500 Ω
substantially increases the phase current. Increase each RSW
value by small amounts to achieve balance, starting with the
coolest phase first.
VOLTAGE CONTROL MODE
A high gain-bandwidth voltage-mode error amplifier is used for
the voltage-mode control loop. The control input voltage to the
positive input is set via the VID logic, according to the voltages
listed in Table 4. This voltage is also offset by the droop voltage
for active positioning of the output voltage as a function of
current, commonly known as active voltage positioning. The
output of the amplifier is the COMP pin, which sets the termi-
nation voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
a resistor (RB) and is used for sensing and controlling the output
voltage at this point. A current source from the FB pin flowing
through R
B
B
B
is used for setting the no-load offset voltage from
the VID voltage. The no-load voltage is positive with respect to
the VID DAC. The main loop compensation is incorporated
into the feedback network between FB and COMP.
SOFT START
The power-on ramp-up time of the output voltage is set with a
capacitor and resistor in parallel from the DELAY pin to ground.
The RC time constant also determines the current limit
latch-off time, as explained in the Current Limit, Short-Circuit,
and Latch-Off Protection section. In UVLO or when EN is a
logic low, the DELAY pin is held at ground. After the UVLO
thresh-hold is reached and EN is a logic high, the DELAY
capacitor is charged with an internal 20 μA current source. The
output voltage follows the ramping voltage on the DELAY pin,
limiting the inrush current. The soft start time depends on the
value of VID DAC and CDLY, with a secondary effect from RDLY.
See the Application Information section for details on setting
CDLY.
If EN is taken low or VCC drops below UVLO, the DELAY
capacitor is reset to ground to be ready for another soft start
cycle. Figure 8 shows a typical soft start sequence for
the ADP3186.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com