Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 3Page - Analog Devices ADP3186 Datasheet HTML 4Page - Analog Devices ADP3186 Datasheet HTML 5Page - Analog Devices ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADP3186
Rev. A | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VID3
VID2
VID1
FBRTN
CROWBAR
VID0
VID4
PWM1
PWM2
PWM3
SW2
SW1
PWM4
FB
COMP
PWRGD
RAMPADJ
DELAY
EN
SW3
SW4
GND
ILIMIT
RT
CSREF
CSSUM
CSCOMP
VCC
ADP3186
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 5
VID4 to VID0
Voltage Identification DAC Inputs. These five pins are pulled up to an internal reference, providing a Logic 1, if
left open. When in normal operation mode, the DAC output programs the FB regulation voltage from 0.8 V to
1.55 V (see Table 4). Leaving all the VID pins open results in the ADP3186 going into No CPU mode, shutting off
its PWM outputs and pulling the PWRGD output low.
6
CROWBAR
Crowbar Output. This logic-level output can be used to control an external device to short the 12 V supply to
ground to protect the CPU from overvoltage, if CSREF exceeds 2.1 V.
7
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage.
8
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external resistor between this
pin and the output voltage sets the no-load offset point.
9
COMP
Error Amplifier Output and Compensation Point.
10
PWRGD
Power Good Output. Open-drain output that signals when the output voltage is outside the proper operating
range.
11
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
12
DELAY
Soft Start Delay and Current Limit Latch-Off Delay Setting Input. An external resistor and capacitor connected
between this pin and GND sets the soft start ramp-up time and the overcurrent latch-off delay time.
13
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the oscillator
frequency of the device.
14
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal
PWM ramp.
15
ILIMIT
Current Limit Setpoint/Enable Output. An external resistor from this pin to GND sets the current limit threshold
of the converter. This pin is actively pulled low when the ADP3186 EN input is low, or when VCC is below its UVLO
threshold, to signal to the driver IC that the driver high-side and low-side outputs should go low.
16
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense
amplifier and the power good and crowbar functions. This pin should be connected to the common point of the
output inductors.
17
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the average inductor
currents together to measure the total output current.
18
CSCOMP
Current Sense Compensation Point. A resistor and a capacitor from this pin to CSSUM determine the slope of the
load line and the positioning loop response time.
19
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this ground.
20 to 23
SW4 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
24 to 27
PWM4 to
PMW1
Logic-Level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the
ADP3110A. Connecting the PWM3 and/or PWM4 outputs to GND causes that phase to turn off, allowing the
ADP3186 to operate as a 2-, 3-, or 4-phase controller.
28
VCC
Supply Voltage for the Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com