Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 3 Page - Analog Devices

  ADP3186 Datasheet HTML 1Page - Analog Devices ADP3186 Datasheet HTML 2Page - Analog Devices ADP3186 Datasheet HTML 3Page - Analog Devices ADP3186 Datasheet HTML 4Page - Analog Devices ADP3186 Datasheet HTML 5Page - Analog Devices ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP3186
Rev. A | Page 3 of 24
SPECIFICATIONS
VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C, unless otherwise specified.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.5
3.5
V
Accuracy
VFB
0.8 V Output
Referenced to FBRTN,
CSSUM = CSCOMP, Figure 2
TSSOP
0.7920
0.8080
V
QSOP
0.7880
0.8120
V
1.175 V Output
Referenced to FBRTN,
CSSUM = CSCOMP, Figure 2
TSSOP
1.1633
1.1868
V
QSOP
1.1574
1.1926
V
1.55 V Output
Referenced to FBRTN,
CSSUM = CSCOMP, Figure 2
TSSOP
1.5345
1.5655
V
QSOP
1.5268
1.5733
V
Line Regulation
ΔV
FB
VCC = 10 V to 14 V
0.05
%
Input Bias Current
IFB
−13
−15.5
−17
μA
FBRTN Current
IFBRTN
100
200
μA
Output Current
IO(ERR)
FB Forced to VOUT – 3%
500
μA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/
μs
VID INPUTS
Input Low Voltage
VIL(VID)
0.8
V
Input High Voltage
VIH(VID)
1.5
V
Input Current, Input Voltage Low
IIL(VID)
VID(X) = 0 V
20
26
μA
Pull-Up Resistance
RVID
100
120
kΩ
Internal Pull-Up Voltage
2.0
2.4
2.65
V
VID Transition Delay Time2
VID code change to FB change
400
ns
No CPU Detection Turn-Off Delay
Time2
VID code change to 11111 to PWM
going low
400
ns
OSCILLATOR
Frequency Range2
fOSC
0.25
4
MHz
Frequency Variation
fPHASE
TA = 25°C, RT = 250 kΩ, 4-phase
155
200
245
kHz
TA = 25°C, RT = 115 kΩ, 4-phase
400
kHz
TA = 25°C, RT = 75 kΩ, 4-phase
600
kHz
Output Voltage
VRT
RT = 100 kΩ to GND
1.9
2.0
2.1
V
Timing Resistor Value
500
kΩ
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ – FB
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
0
50
μA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF, Figure 3
TSSOP
−3
+3
mV
QSOP
−3.5
+3.5
mV
Input Bias Current
IBIAS(CSSUM)
−50
+50
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/
μs
Input Common-Mode Range
CSSUM and CSREF
0
2.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com