Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP3186
Rev. A | Page 14 of 24
APPLICATION INFORMATION
The design parameters for a typical AMD Opteron CPU
application are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VVID) = 1.500 V
•
Duty cycle (D) = 0.125
•
Maximum static output voltage error (±VSRER) = ±50 mV
•
Maximum dynamic output voltage error (±VDRER) = ±70 mV
•
Error voltage allowed for controller and ripple (±VRERR) =
±20 mV
•
Maximum output current (IO) = 56 A
•
Maximum output current step (ΔIO) = 24 A
•
Static output drop resistance (RO) based on
1.
No load output voltage set at upper output voltage
limit.
VONL = VVID + VSERR – VRERR = 1.530 V
2.
Full load output voltage set at lower output voltage
limit.
VOFL = VVID – VSERR + VRERR = 1.470 V
3.
RO = (VONL – VOFL)/IO = (1.53 V – 1.47 V)/56 A =
1.1 mΩ
•
Dynamic output drop resistance (ROD) based on
1.
Output current step to no load with output voltage set
at upper output dynamic voltage limit.
VONLD = VVID + VDERR – VRERR = 1.550 V
2.
Output voltage prior to load change (at IOUT = ΔIO).
VOL = VONL – (ΔIO × RO) = 1.504 V
3.
ROD = (VONLD – VOL)/ΔIO = (1.55 V – 1.504 V)/24 A =
1.9 mΩ
•
Number of phases (n) = 3
•
Switching frequency per phase (fSW) = 330 kHz
SETTING THE CLOCK FREQUENCY
The ADP3186 uses a fixed-frequency control architecture. The
frequency is set by an external timing resistor (RT). The clock
frequency and the number of phases determine the switching
frequency per phase, which relates directly to switching losses,
and the sizes of the inductors, and the sizes of the input and
output capacitors. With n = 3 for three phases, a clock
frequency of 990 kHz sets the switching frequency (fSW) of each
phase to 330 kHz, which represents a practical trade-off
between the switching losses and the sizes of the output filter
components. Figure 6 shows that, to achieve an 990 kHz
oscillator frequency, the correct value for RT is 187 kΩ.
Alternatively, the value for RT can be calculated using
Ω
−
×
×
=
k
27
pF
7
.
4
1
SW
T
f
n
R
(1)
where 4.7 pF and 27 kΩ are internal IC component values. For
good initial accuracy and frequency stability, a 1% resistor is
recommended.
SOFT START AND CURRENT LIMIT LATCH-OFF
DELAY TIMES
Because the soft start and current limit latch-off delay functions
share the DELAY pin, these two parameters must be considered
together. The first step is to set CDLY for the soft start ramp. This
ramp is generated with a 20 μA internal current source. The
value of RDLY has a second-order impact on the soft start time,
because it sinks part of the current source to ground. However,
as long as RDLY is kept greater than 200 kΩ, this effect is minor.
The value for CDLY can be approximated using
VID
SS
DLY
VID
DLY
V
t
R
V
C
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
μ
=
2
A
20
(2)
where tSS is the desired soft start time. Assuming an RDLY of
390 kΩ and a desired soft start time of 3 ms, CDLY is 36 nF. The
closest standard value for CDLY is 39 nF. Once CDLY is chosen,
RDLY can be calculated for the current limit latch-off time using
DLY
DELAY
DLY
C
t
R
×
=
96
.
1
(3)
If the result for RDLY is less than 200 kΩ, a smaller soft start time
should be considered by recalculating the equation for CDLY, or a
longer latch-off time should be used. RDLY should never be less
than 200 kΩ. In this example, a delay time of 8 ms results in
RDLY equal to 402 kΩ. The closest standard 5% value is 390 kΩ.
INDUCTOR SELECTION
The choice of inductance for the inductor determines the ripple
current in the inductor. Less inductance leads to more ripple
current, which increases the output ripple voltage and conduction
losses in the MOSFETs, but allows using smaller inductors and,
for a specified peak-to-peak transient deviation, less total output
capacitance. Conversely, a higher inductance means lower
ripple current and reduced conduction losses, but requires
larger inductors and more output capacitance for the same
peak-to-peak transient deviation. In any multiphase converter, a
practical value for the peak-to-peak inductor ripple current is
less than 50% of the maximum dc current in the same inductor.
Equation 4 shows the relationships among the inductance,
oscillator frequency, and peak-to-peak ripple current in the
inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com