Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 5 Page - Analog Devices

  ADP3186 Datasheet HTML 1Page - Analog Devices ADP3186 Datasheet HTML 2Page - Analog Devices ADP3186 Datasheet HTML 3Page - Analog Devices ADP3186 Datasheet HTML 4Page - Analog Devices ADP3186 Datasheet HTML 5Page - Analog Devices ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP3186
Rev. A | Page 5 of 24
TEST CIRCUITS
250k
Ω
12V
1.25V
1
μF
100n F
100nF
ADP3186
VID4
VID3
VID2
VID1
VID0
CROWBAR
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
1
2
3
28
27
26
4
8
10
12
14
5
6
7
21
24
23
22
9
11
17
18
19
13
15
16
20
25
5-BIT CODE
250k
Ω
20k
Ω
1k
Ω
4.7nF
+
Figure 2. Closed-Loop Output Voltage Accuracy
CSSUM
18
CSCOMP
17
28
VCC
CSREF
16
GND
19
39k
Ω
100nF
1k
Ω
1.0V
ADP3186
12V
VOS =
CSCOMP – 1V
40
Figure 3. Current Sense Amplifier, VOS
CSSUM
18
CSCOMP
17
28
VCC
CSREF
16
GND
19
200k
Ω
80mV
1.0V
ADP3186
12V
200k
Ω
COMP
8
FB
9
10k
Ω
Figure 4. Positioning Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com