Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3186 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 1 Page - Analog Devices

  ADP3186 Datasheet HTML 1Page - Analog Devices ADP3186 Datasheet HTML 2Page - Analog Devices ADP3186 Datasheet HTML 3Page - Analog Devices ADP3186 Datasheet HTML 4Page - Analog Devices ADP3186 Datasheet HTML 5Page - Analog Devices ADP3186 Datasheet HTML 6Page - Analog Devices ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
5-Bit Programmable 2-/3-/4-Phase
Synchronous Buck Controller
ADP3186
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Selectable 2-, 3-, or 4-phase operation at up to 1 MHz
per phase
±1% worst-case differential sensing error over temperature
Logic-level PWM outputs for interface to external high
power drivers
Active current balancing between all output phases
Built-in power good/crowbar blanking supports on-the-fly
VID code changes
5-bit digitally programmable 0.8 V to 1.55 V output
Programmable short-circuit protection with programmable
latch-off delay
APPLICATIONS
Desktop PC power supplies for
AMD Opteron™ processors
VRM modules
GENERAL DESCRIPTION
The ADP3186 is a highly efficient multiphase synchronous
buck switching regulator controller optimized for converting a
12 V main supply into the core supply voltage required by high
performance AMD processors. It uses an internal 5-bit DAC to
read a voltage identification (VID) code directly from the pro-
cessor, which is used to set the output voltage between 0.8 V
and 1.55 V. It uses a multimode PWM architecture to drive the
logic-level outputs at a programmable switching frequency that
can be optimized for VR size and efficiency. The phase relation-
ship of the output signals can be programmed to provide 2-, 3-,
or 4-phase operation, allowing the construction of up to four
complementary buck switching stages.
The ADP3186 includes programmable no-load offset and slope
functions to adjust the output voltage as a function of the load
current, so that it is always optimally positioned for a system
transient. The ADP3186 also provides accurate and reliable
short-circuit protection, adjustable current limiting, and a power
good output that accommodates on-the-fly output voltage
changes requested by the CPU.
The ADP3186 is specified over the commercial temperature
range of 0°C to 85°C and is available in 28-lead TSSOP and
QSOP packages.
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
SOFT
START
DELAY
UVLO
SHUTDOWN
AND BIAS
OSCILLATOR
GND
CROWBAR
ADP3186
19
EN 11
DELAY 12
ILIMIT 15
PWRGD 10
28
RT
13
RAMPADJ
14
PWM2
26
8
FB
PWM3
25
PWM4
24
SW1
23
CSSUM
17
CSCOMP
18
SW2
22
SW3
21
SW4
20
CSREF
16
PWM1
VID4
1
VID3
2
VID2
3
VID1
4
6
VID0
5
FBRTN
7
COMP 9
VID
DAC
DAC + 300mV
DAC – 300mV
CSREF
EN
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
CMP
CMP
CMP
CMP
CURRENT
BALANCING
CIRCUIT
2-/3-/4-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
27
CSREF
2.1V
Figure 1.


Similar Part No. - ADP3186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
More results

Similar Description - ADP3186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com