Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 29Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 30Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 31Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 32Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 33Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 34Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 35Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 36Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LLC service request
To request access to the bus, to read or write a PHY register, or to control arbitration acceleration, the LLC sends
a serial bit stream on the LREQ terminal as shown in Figure 16.
Each cell represents one clock sample time, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 16. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 12.
Table 12. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7 or 8
Read register request
9
Write register request
17
Acceleration control request
6
Regardless of the type of request, a start-bit of 1 is required at the beginning of the stream, and a stop-bit of
0 is required at the end of the stream. The second through fourth bits of the request stream indicate the type
of the request. In the descriptions below, bit 0 is the most significant and is transmitted first in the request bit
stream. The LREQ terminal is normally low.
Encoding for the request type is shown in Table 13.
Table 13. Request Type Encoding
LR1-LR3
NAME
DESCRIPTION
000
ImmReq
Immediate bus request. Upon detection of idle, the PHY takes control of the bus immediately without arbitration.
001
IsoReq
Isochronous bus request. Upon detection of idle, the PHY arbitrates for the bus without waiting for a subaction gap.
010
PriReq
Priority bus request. The PHY arbitrates for the bus after a subaction gap, ignores the fair protocol.
011
FairReq
Fair bus request. The PHY arbitrates for the bus after a subaction gap, follows the fair protocol.
100
RdReg
The PHY returns the specified register contents through a status transfer.
101
WrReg
Write to the specified register
110
AccelCtl
Enable or disable asynchronous arbitration acceleration
111
Reserved
Reserved
For a bus request the length of the LREQ bit stream is 7 or 8 bits as shown in Table 14.
Table 14. Bus Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1).
1-3
Request type
Indicates the type of bus request. See Table 13.
4-6
Request speed
Indicates the speed at which the PHY sends the data for this request. See Table 15 for the encoding of this field.
7
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, this bit may be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com