Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 45 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 42Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 44Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 45Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 46Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 47Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 48Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for disabling the PHY-LLC interface when it is in the differentiated mode of operation
(ISO terminal is low) is as follows:1
a.
Normal operation. Interface is operating normally, with LPS active, SYSCLK active, status and packet
data reception and transmission via the CTL and D lines, and request activity via the LREQ line.
b.
LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface
bus activity, and places its LREQ, CTL, and D outputs into a high-impedance state (the LLC terminates
any output signal activity such that signals end in a logic 0 state).
c.
Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any
interface bus activity, and places its CTL and D outputs into a high-impedance state (the PHY
terminates any output signal activity such that signals end in a logic 0 state). The PHY-LLC interface
is now in the reset state.
d.
Interface disabled. If the LPS signal remain inactive for TLPS_DISABLE time, the PHY terminates
SYSCLK activity by placing the SYSCLK output into a high-impedance state. The PHY-LLC interface
is now in the disabled state.
SYSCLK
ISO
(High)
(a)
(c)
(b)
CTL0, CTL1
D0−D7
LREQ
LPS
TLPS_RESET
(d)
TLPS_DISABLE
Figure 25. Interface Disable, ISO High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com