Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 40 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 36Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 37Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 38Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 39Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 40Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 42Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit (continued)
00
00
00
00
10
(f)
(g)
(e)
(d)
(c)
(b)
(a)
01
00
00
00
00
00
11
dn
d0, d1, . . .
Link Controls CTL and D
PHY High-Impedance CTL and D Outputs
D0–D7
CTL0, CTL1
SYSCLK
NOTE A: SPD = Speed code (see Table 20), d0–dn = Packet data
00
01
00
SPD
Figure 20. Normal Packet Transmission Timing
The sequence of events for a normal packet transmission is as follows:1
a.
Transmit operation initiated. The PHY asserts grant on the CTL lines followed by idle to hand over
control of the interface to the link so that the link may transmit a packet. The PHY releases control of
the interface (i.e., it places its CTL and D outputs in a high-impedance state) following the idle cycle.
b.
Optional idle cycle. The link may assert at most one idle cycle preceding assertion of either hold or
transmit. This idle cycle is optional; the link is not required to assert idle preceding either hold or transmit.
c.
Optional hold cycles. The link may assert hold for up to 47 cycles preceding assertion of transmit. These
hold cycle(s) are optional; the link is not required to assert hold preceding transmit.
d.
Transmit data. When data is ready to be transmitted, the link asserts transmit on the CTL lines along
with the data on the D lines.
e.
Transmit operation terminated. The transmit operation is terminated by the link asserting hold or idle
on the CTL lines. The link asserts hold to indicate that the PHY is to retain control of the serial bus in
order to transmit a concatenated packet. The link asserts idle to indicate that packet transmission is
complete and the PHY may release the serial bus. The link then asserts idle for one more cycle following
this cycle of hold or idle before releasing the interface and returning control to the PHY.
f.
Concatenated packet speed-code. If multispeed concatenation is enabled in the PHY, the link asserts
a speed code on the D lines when it asserts hold to terminate packet transmission. This speed code
indicates the transmission speed for the concatenated packet that is to follow. The encoding for this
concatenated packet speed-code is the same as the encoding for the received packet speed code (see
Table 20). The link may not concatenate an S100 packet onto any higher-speed packet.
g.
After regaining control of the interface, the PHY asserts at least one cycle of idle before any subsequent
status transfer, receive operation, or transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com