Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 41 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 37Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 38Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 39Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 40Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 42Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 44Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit (continued)
00
00
00
00
(e)
(d)
(c)
(b)
(a)
01
00
00
00
11
D0–D7
CTL0, CTL1
SYSCLK
00
Link Controls CTL and D
PHY High-Impedance CTL and D Outputs
Figure 21. Cancelled/Null Packet Transmission
The sequence of events for a cancelled/null packet transmission is as follows:1
a.
Transmit operation initiated. PHY asserts grant on the CTL lines followed by idle to hand over control
of the interface to the link.
b.
Optional idle cycle. The link may assert at most one idle cycle preceding assertion of hold. This idle cycle
is optional; the link is not required to assert idle preceding hold.
c.
Optional hold cycles. The link may assert hold for up to 47 cycles preceding assertion of idle. These
hold cycle(s) are optional; the link is not required to assert hold preceding idle.
d.
Null transmit termination. The null transmit operation is terminated by the link asserting two cycles of
idle on the CTL lines and then releasing the interface and returning control to the PHY. Note that the
link may assert idle for a total of three consecutive cycles if it asserts the optional first idle cycle but does
not assert hold. It is recommended that the link assert three cycles of idle to cancel a packet
transmission if no hold cycles are asserted. This ensures that either the link or PHY controls the
interface in all cycles.
e.
After regaining control of the interface, the PHY asserts at least one cycle of idle before any subsequent
status transfer, receive operation, or transmit operation.
interface reset and disable
The LLC controls the state of the PHY-LLC interface using the LPS signal. The interface may be placed into a
reset state, a disabled state, or be made to initialize and then return to normal operation. When the interface
is not operational (whether reset, disabled, or in the process of initialization) the PHY cancels any outstanding
bus request or register read request, and ignores any requests made via the LREQ line. Additionally, any status
information generated by the PHY is not queued and does not cause a status transfer upon restoration of the
interface to normal operation.
The LPS signal may be either a level signal or a pulsed signal, depending upon whether the PHY-LLC interface
is a direct connection or is made across an isolation barrier. When an isolation barrier exists between the PHY
and LLC (whether of the TI bus-holder type or Annex J type) the LPS signal must be pulsed. In a direct
connection, the LPS signal may be either a pulsed or a level signal. Timing parameters for the LPS signal are
given in Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com