Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 20 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 16Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 17Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 18Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 19Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 20Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 21Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 22Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 23Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration (continued)
The vendor identification page is used to identify the vendor/manufacturer and compliance level. The page is
selected by writing 1 to the Page_Select field in base register 7. The configuration of the vendor identification
page is shown in Table 5, and corresponding field descriptions given in Table 6.
Table 5. Page 1 (Vendor ID) Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
1000
Compliance
1001
Reserved
1010
Vendor_ID[0]
1011
Vendor_ID[1]
1100
Vendor_ID[2]
1101
Product_ID[0]
1110
Product_ID[1]
1111
Product_ID[2]
Table 6. Page 1 (Vendor ID) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Compliance
8
Rd
Compliance level. For the TSB41AB3 this field is 01h, indicating compliance with the 1394a-2000 specification.
Vendor_ID
24
Rd
Manufacturer’s organizationally unique identifier (OUI). For the TSB41AB3 this field is 08_00_28h (Texas
Instruments) (the MSB is at register address 1010b).
Product_ID
24
Rd
Product identifier. For the TSB41AB3 this field is 43_41_95h (the MSB is at register address 1101b).
The vendor-dependent page provides access to the special control features of the TSB41AB3, as well as
configuration and status information used in manufacturing test and debug. This page is selected by writing 7
to the Page_Select field in base register 7. The configuration of the vendor-dependent page is shown in Table 7
and corresponding field descriptions given in Table 8.
Table 7. Page 7 (Vendor-Dependent) Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
1000
NPA
Reserved
Link_Speed
1001
Reserved for test
1010
Reserved for test
1011
Reserved for test
1100
Reserved for test
1101
Reserved for test
1110
SWR
Reserved for test
1111
Reserved for test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com