Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 34 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 30Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 31Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 32Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 33Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 34Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 35Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 36Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 37Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LLC service request (continued)
The 3-bit request speed field used in bus requests is shown in Table 15.
Table 15. Bus Request Speed Encoding
LR4-LR5
DATA RATE
000
S100
010
S200
100
S400
All others
Invalid
NOTE:
The TSB41AB3 accepts a bus request with an invalid speed code and process the bus request
normally. However, during packet transmission for such a request, the TSB41AB3 ignores any data
presented by the LLC and transmits a null packet.
For a read register request the length of the LREQ bit stream is 9 bits as shown in Table 16.
Table 16. Read Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1-3
Request type
A 100 indicating this is a read register request
4-7
Address
Identifies the address of the PHY register to be read
8
Stop bit
Indicates the end of the transfer (always 0)
For a write register request the length of the LREQ bit stream is 17 bits as shown in Table 17.
Table 17. Write Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1-3
Request type
A 101 indicating this is a write register request
4-7
Address
Identifies the address of the PHY register to be written to
8-15
Data
Gives the data that is to be written to the specified register address
16
Stop bit
Indicates the end of the transfer (always 0)
For an acceleration control request the Length of the LREQ data stream is 6 bits as shown in Table 18.
Table 18. Acceleration Control Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1-3
Request type
A 110 indicating this is an acceleration control request
4
Control
Asynchronous period arbitration acceleration is enabled if 1, and disabled if 0
5
Stop bIt
Indicates the end of the transfer (always 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com