Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 25 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 21Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 22Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 23Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 24Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 25Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 26Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 27Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 28Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
EMI guidelines
For electromagnetic interference (EMI) guidelines and recommendations, send a request via email to:
1394-EMI@list.ti.com
designing with PowerPAD
The TSB41AB3 is housed in a high performance, thermally enhanced, 80-pin PFP PowerPAD package. Use
of the PowerPAD package does not require any special considerations except to note that the PowerPAD, which
is an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor. Therefore, if
not implementing PowerPAD PCB features, the use of solder masks (or other assembly techniques) may be
required to prevent any inadvertent shorting by the exposed PowerPAD of connection etches or vias under the
package. The recommended option, however, is to not run any etches or signal vias under the device, but to
have only a grounded thermal land as explained below. Although the actual size of the exposed die pad may
vary, the minimum size required for the keepout area for the 80-pin PFP PowerPAD package is 10 mm
× 10 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the
PowerPAD package. The thermal land varies in size, depending on the PowerPAD package being used, the
PCB construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may
not contain numerous thermal vias depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the TI application note PowerPAD
Thermally Enhanced Package Application Report, TI literature number SLMA002, available via the TI Web
pages beginning at URL: http://www.ti.com.
Figure 10. Example of a Thermal Land for the TSB41AB3 PHY
The thermal land for the TSB41AB3 must be grounded to the low impedance ground plane of the device. This
improves not only thermal performance but also the electrical grounding of the device. It is also recommended
that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size
is as large as possible without shorting device signal terminals. The thermal land may be soldered to the
exposed PowerPAD using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low impedance ground plane for the device. More
information may be obtained from the TI application note PHY Layout, TI literature number SLLA020.
using the TSB41AB3 with a non-1394a-2000 link layer
The TSB41AB3 implements the PHY-LLC interface specified in the 1394a-2000 Supplement. This interface is
based upon the interface described in informative Annex J of IEEE Std 1394-1995, which is the interface used
in older TI PHY devices. The PHY-LLC interface specified in 1394a-2000 is completely compatible with the older
Annex J interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com