Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 47 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 44Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 45Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 46Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 47Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 48Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 49Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 50Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for initialization of the PHY-LLC interface when the interface is in the differentiated
mode of operation (ISO terminal is low) is as follows:1
a.
LPS reasserted. After the interface has been in the reset or disabled state for at least the minimum
TRESTORE time, the LLC causes the interface to be initialized and restored to normal operation by
reactivating the LPS signal. (In Figure 26, the interface is shown in the disabled state with SYSCLK
high-impedance inactive. However, the interface initialization sequence described here is also
executed if the interface is merely reset but not yet disabled.)
b.
SYSCLK activated. If the interface is disabled, the PHY reactivates its SYSCLK output when it detects
that LPS has been reasserted. If the PHY has entered a low-power state, it takes from 5.3 ms to 7.3 ms
for SYSCLK to be restored; if the PHY is not in a low-power state, SYSCLK is restored within 60 ns.
The PHY commences SYSCLK activity by driving the SYSCLK output low for half a cycle. Thereafter,
the SYSCLK output is a 50% duty cycle square wave with a frequency of 49.152 MHz
±100 ppm (period
of 20.345 ns). Upon the first full cycle of SYSCLK, the PHY drives the CTL and D terminals low for one
cycle. The LLC is also required to drive its CTL, D, and LREQ outputs low during one of the first six
cycles of SYSCLK (in the above diagram, this is shown as occurring in the first SYSCLK cycle).
c.
Receive indicated. Upon the eighth SYSCLK cycle following reassertion of LPS, the PHY asserts the
receive state on the CTL lines and the data-on indication (all ones) on the D lines for one or more cycles
(because the interface is in the differentiated mode of operation, the CTL and D lines is in the
high-impedance state after the first cycle).
d.
Initialization complete. The PHY asserts the idle state on the CTL lines and logic 0 on the D lines. This
indicates that the PHY-LLC interface initialization is complete and normal operation may commence.
The PHY accepts requests from the LLC via the LREQ line.
SYSCLK
ISO
(High)
(a)
(c)
(b)
CTL0
D0−D7
LREQ
LPS
(d)
CTL1
7 Cycles
(d)
TCLK_ACTIVATE
Figure 27. Interface Initialization, ISO High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com