Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 44 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 40Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 42Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 44Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 45Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 46Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 47Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for resetting the PHY-LLC interface when it is in the nondifferentiated mode of operation
(ISO terminal is high) is as follows:1
a.
Normal operation. Interface is operating normally, with LPS asserted, SYSCLK active, status and
packet data reception and transmission via the CTL and D lines, and request activity via the LREQ line.
In the above diagram, the LPS signal is shown as a non-pulsed level signal. However, it is permissible
to use a pulsed signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is
required when using an isolation barrier (whether of the TI bus holder type or Annex J type).
b.
LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface
bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low.
c.
Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any
interface bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset
state.
d.
Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS
is asserted, the interface initializes as described below.
If the LLC continues to keep the LPS signal deasserted, it requests that the interface be disabled. The PHY
disables the interface when it observes that LPS has been deasserted for TLPS_DISABLE. When the interface
is disabled, the PHY sets its CTL and D outputs as stated above for interface reset, but also stops SYSCLK
activity. The interface is also placed into the disabled condition upon a hardware reset of the PHY. The timing
for interface disable is shown in Figure 24 and Figure 25.
When the interface is disabled, the PHY enters a low-power state if none of its ports is active.
SYSCLK
ISO
(Low)
(a)
(c)
(b)
CTL0, CTL1
D0−D7
LREQ
LPS
(d)
TLPS_RESET
TLPS_DISABLE
TLPSL
TLPSH
Figure 24. Interface Disable, ISO Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com