Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 16 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 12Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 13Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 14Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 15Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 16Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 17Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 18Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 19Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration (continued)
Table 2. Base Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Physical ID
6
Rd
This field contains the physical address ID of this node determined during self-ID. The physical-ID is invalid
after a bus reset until self-ID has completed as indicated by an unsolicited register-0 status transfer.
R
1
Rd
Root. This bit indicates that this node is the root node. The R bit is reset to 0 by bus reset, and is set to 1 during
tree-ID if this node becomes root.
CPS
1
Rd
Cable-power-status. This bit indicates the state of the CPS input terminal. The CPS terminal is normally tied to
serial bus cable power through a 400-k
Ω resistor. A 0 in this bit indicates that the cable power voltage has
dropped below its threshold for ensured reliable operation.
RHB
1
Rd/Wr
Root-holdoff bit. This bit instructs the PHY to attempt to become root after the next bus reset. The RHB bit is
reset to 0 by a hardware reset is unaffected by a bus reset.
IBR
1
Rd/Wr
Initiate bus reset. This bit instructs the PHY to initiate a long (166
µs) bus reset at the next opportunity. Any
receive or transmit operation in progress when this bit is set completes before the bus reset is initiated. The
IBR bit is reset to 0 after a hardware reset or a bus reset.
Gap_Count
6
Rd/Wr
Arbitration gap count. This value is used to set the subaction (fair) gap, arb-reset gap, and arb-delay times.
The gap count can be set either by a write to the register, or by reception or transmission of a PHY_CONFIG
packet. The gap count is reset to 3Fh by hardware reset or after two consecutive bus resets without an
intervening write to the gap count register (either by a write to the PHY register or by a PHY_CONFIG packet).
Extended
3
Rd
Extended register definition. For the TSB41AB3, this field is 111b, indicating that the extended register set is
implemented.
Num_Ports
4
Rd
Number of ports. This field indicates the number of ports implemented in the PHY. For the TSB41AB3 this field
is 3.
PHY_Speed
3
Rd
PHY speed capability. For the TSB41AB3 PHY this field is 010b, indicating S400 speed capability.
Delay
4
Rd
PHY repeater data delay. This field indicates the worst case repeater data delay of the PHY, expressed as
144+(delay
× 20) ns. For the TSB41AB3 this field is 0.
LCtrl
1
Rd/Wr
Link-active status control. This bit is used to control the active status of the LLC as indicated during self-ID.
The logical AND of this bit and the LPS active status is replicated in the L field (bit 9) of the self-ID packet. The
LLC is considered active only if both the LPS input is active and the LCtrl bit is set.
The LCtrl bit provides a software controllable means to indicate the LLC active status in lieu of using the LPS
input.
The LCtrl bit is set to 1 by hardware reset and is unaffected by bus-reset.
NOTE: The state of the PHY-LLC interface is controlled solely by the LPS input, regardless of the state of the
LCtrl bit. If the PHY-LLC interface is operational as determined by the LPS input being active, then received
packets and status information continues to be presented on the interface, and any requests indicated on the
LREQ input is processed, even if the LCtrl bit is cleared to 0.
C
1
Rd/Wr
Contender status. This bit indicates that this node is a contender for the bus or isochronous resource
manager. This bit is replicated in the c field (bit 20) of the self-ID packet. This bit is set to the state specified by
the C/LKON input terminal by a hardware reset and is unaffected by a bus reset.
Jitter
3
Rd
PHY repeater jitter. This field indicates the worst case difference between the fastest and slowest repeater
data delay, expressed as (jitter+1)
× 20 ns. For the TSB41AB3, this field is 0.
Pwr_Class
3
Rd/Wr
Node power class. This field indicates this node power consumption and source characteristics and is
replicated in the pwr field (bits 21−23) of the self-ID packet. This field is reset to the state specified by the
PC0−PC2 input terminals upon a hardware reset, and is unaffected by a bus reset. See Table 9.
RPIE
1
Rd/Wr
Resuming port interrupt enable. This bit, if set to 1, enables the port event interrupt (PIE) bit to be set
whenever resume operations begin on any port. This bit is reset to 0 by hardware reset and is unaffected by
bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com