Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 38 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 34Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 35Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 36Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 37Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 38Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 39Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 40Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
receive (continued)
The sequence of events for a normal packet reception is as follows:1
a.
Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL
lines. Normally, the interface is idle when receive is asserted. However, the receive operation may
interrupt a status transfer operation that is in progress so that the CTL lines may change from status
to receive without an intervening idle.
b.
Data-on indication. The PHY may assert the data-on indication code on the D lines for one or more
cycles preceding the speed-code.
c.
Speed code. The PHY indicates the speed of the received packet by asserting a speed code on the D
lines for one cycle immediately preceding packet data. The link decodes the speed code on the first
receive cycle for which the D lines are not the data-on code. If the speed code is invalid, or indicates
a speed higher that that which the link is capable of handling, the link should ignore the subsequent data.
d.
Receive data. Following the data-on indication (if any) and the speed-code, the PHY asserts packet
data on the D lines with receive on the CTL lines for the remainder of the receive operation.
e.
Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL
lines. The PHY asserts at least one cycle of idle following a receive operation.
00
00
10
XX
(a)
(b)
(c)
FF (Data-On)
D0–D7
CTL0, CTL1
SYSCLK
00
01
Figure 19. Null Packet Reception Timing
The sequence of events for a null packet reception is as follows:1
a.
Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL
lines. Normally, the interface is idle when receive is asserted. However, the receive operation may
interrupt a status transfer operation that is in progress so that the CTL lines may change from status
to receive without an intervening idle.
b.
Data-on indication. The PHY asserts the data-on indication code on the D lines for one or more cycles.
c.
Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL
lines. The PHY asserts at least one cycle of idle following a receive operation.
Table 20. Receive Speed Codes
D0–D7
DATA RATE
00XX XXXX
S100
0100 XXXX
S200
0101 0000
S400
1YYY YYYY
data-on indication
NOTE: X = Output as 0 by PHY, ignored by LLC.
Y = Output as 1 by PHY, ignored by LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com