Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFP Datasheet(PDF) 17 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 13Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 14Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 15Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 16Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 17Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 18Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 19Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 20Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Base Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
ISBR
1
Rd/Wr
Initiate short arbitrated bus reset. This bit, if set to 1, instructs the PHY to initiate a short (1.3
µs) arbitrated bus
reset at the next opportunity. This bit is reset to 0 by a bus reset.
NOTE: Legacy IEEE Std 1394-1995 compliant PHYs can not be capable of performing short bus resets.
Therefore, initiation of a short bus reset in a network that contains such a legacy device results in a long bus
reset being performed.
CTOI
1
Rd/Wr
Configuration time-out interrupt. This bit is set to 1 when the arbitration controller times-out during tree-ID
start, and may indicate that the bus is configured in a loop. This bit is reset to 0 by hardware reset, or by writing
a 1 to this register bit.
If the CTOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON
output to notify the LLC to service the interrupt.
NOTE: If the network is configured in a loop, only those nodes which are part of the loop generates a
configuration-timeout interrupt. Instead, all other nodes time out waiting for the tree-ID and/or self-ID process
to complete and then generate a state time-out interrupt and bus-reset.
CPSI
1
Rd/Wr
Cable power status interrupt. This bit is set to 1 whenever the CPS input transitions from high to low indicating
that cable power may be too low for reliable operation. This bit is reset to 1 by hardware reset. It can be cleared
by writing a 1 to this register bit.
If the STOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON
output to notify the LLC to service the interrupt.
STOI
1
Rd/Wr
State-timeout interrupt. This bit indicates that a state time-out has occurred (which also causes a bus-reset to
occur). This bit is reset to 0 by hardware reset, or by writing a 1 to this register bit.
If the STOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON
output to notify the LLC to service the interrupt.
PEI
1
Rd/Wr
Port event interrupt. This bit is set to 1 on any change in the connected, bias, disabled, or fault bits for any port
for which the port interrupt enable (PIE) bit is set. Additionally, if the resuming port interrupt enable (RPIE) bit is
set, the PEI bit is set to 1 at the start of resume operations on any port. This bit is reset to 0 by hardware reset,
or by writing a 1 to this register bit.
EAA
1
Rd/Wr
Enable accelerated arbitration. This bit enables the PHY to perform the various arbitration acceleration
enhancements defined in 1394a-2000 (ACK-accelerated arbitration, asynchronous fly-by concatenation,
and isochronous fly-by concatenation). This bit is reset to 0 by hardware reset and is unaffected by bus reset.
NOTE: The EAA bit is set only if the attached LLC is 1394a-2000 compliant. If the LLC is not 1394a-2000
compliant, use of the arbitration acceleration enhancements can interfere with isochronous traffic by
excessively delaying the transmission of cycle-start packets.
EMC
1
Rd/Wr
Enable multispeed concatenated packets. This bit enables the PHY to transmit concatenated packets of
differing speeds in accordance with the protocols defined in 1394a-2000. This bit is reset to 0 by hardware
reset and is unaffected by bus reset.
NOTE: The use of multispeed concatenation is completely compatible with networks containing legacy IEEE
Std 1394-1995 PHYs. However, use of multispeed concatenation requires that the attached LLC be
1394a-2000 compliant.
Page_Select
3
Rd/Wr
Page_Select. This field selects the register page to use when accessing register addresses 8 through 15.
This field is reset to 0 by a hardware reset and is unaffected by bus-reset.
Port_Select
4
Rd/Wr
Port_Select. This field selects the port when accessing per-port status or control (e.g., when one of the port
status/control registers is accessed in page 0). Ports are numbered starting at 0. This field is reset to 0 by
hardware-reset and is unaffected by bus-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com