Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD75P4308GS Datasheet HTML 1Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 2Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 3Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 4Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 5Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 6Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 7Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 8Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
1996
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75P4308
The
µPD75P4308 replaces the µPD754304’s internal mask ROM with a one-time PROM and features expanded
ROM capacity.
Because the
µPD75P4308 supports programming by users, it is suitable for use in prototype testing for system
development using the
µPD754302 and 754304 products, and for use in small-lot production.
Detailed descriptions of functions are provided in the following document. Be sure to read the document
before designing.
µPD754304 User’s Manual: U10123E
FEATURES
•
Compatible with
µPD754304
•
Memory capacity:
· PROM : 8192
× 8 bits
· RAM
: 256
× 4 bits
•
Can operate in the same power supply voltage as the mask version
µPD754304
·VDD = 1.8 to 5.5 V
•
Adopts a compact shrink SOP package
ORDERING INFORMATION
Part Number
Package
µPD75P4308GS
36-pin plastic shrink SOP (300 mil, 0.8 mm pitch)
µPD75P4308GS-A
36-pin plastic shrink SOP (300 mil, 0.8 mm pitch)
Caution
On-chip pull-up resistors by mask option are not provided.
Remark
Products with “-A” at the end of the part number are lead-free products.
4-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U10909EJ2V1DS00 (2nd edition)
Date Published August 2005 N CP (K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com