Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 28Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 29Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 30Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 31Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 32Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 33Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 34Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 35Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
µPD75P4308
30
Data Sheet U10909EJ2V1DS
8.3 Program Memory Read Procedure
The
µPD75P4308 can read out the program memory contents via the following steps.
(1)
Pull down unused pins to VSS via resistors. Set the X1 pin to low.
(2)
Apply +5 V to the VDD and VPP pins.
(3)
Wait 10
µs.
(4)
Zero-clear mode for program memory addresses.
(5)
Apply +6 V to VDD and +12.5 V to VPP.
(6)
Verify mode. When a clock pulse is input to the X1 pin, data is output sequentially to one address at a
time based on a cycle of four pulse inputs.
(7)
Zero-clear mode for program memory addresses.
(8)
Apply +5 V to the VDD and VPP pins.
(9)
Power supply OFF
The following diagram illustrates steps (2) to (7).
VPP
VDD
VDD + 1
VDD
VDD
X1
D0/P60/KR0-
D3/P63/KR3
D4/P50-
D7/P53
Data output
Data output
MD0/P30
MD2/P32
MD3/P33
MD1/P31
“L”
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com