Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD75P4308GS Datasheet HTML 1Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 2Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 3Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 4Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 5Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 6Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 7Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 8Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
µPD75P4308
2
Data Sheet U10909EJ2V1DS
OVERVIEW OF FUNCTIONS
Item
Function
Instruction execution time
• 0.95, 1.91, 3.81, or 15.3
µs (system clock: @ 4.19 MHz)
• 0.67, 1.33, 2.67, or 10.7
µs (system clock: @ 6.0 MHz)
Internal memory
PROM
8192
× 8 bits
RAM
256
× 4 bits
General-purpose register
• 4-bit manipulation: 8 registers
× 4 banks
• 8-bit manipulation: 4 registers
× 8 banks
I/O ports
CMOS input
8
Connection of on-chip pull-up resistors can be specified by software: 7
CMOS I/O
18
Connection of on-chip pull-up resistors can be specified by software: 18
N-ch open-drain I/O
4
13-V withstand voltage
Total
30
Timers
3 channels
• 8-bit timer/event counter: 2 channels
(Can be used as a 16-bit timer/event counter)
• 8-bit basic interval timer/watchdog timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB/LSB-first switchable
• 2-wire serial I/O mode
Bit sequential buffer
16 bits
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz (system clock: @ 4.19 MHz)
•
Φ, 750, 375, 93.8 kHz (system clock: @ 6.0 MHz)
Vectored interrupts
External: 3, Internal: 4
Test input
External: 1
System clock oscillator
Ceramic/crystal oscillator
Standby functions
STOP mode/HALT mode
Operating ambient temperature
TA = –40 to +85˚C
Power supply voltage
VDD = 1.8 to 5.5 V
Package
36-pin plastic shrink SOP (300 mil, 0.8 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com