Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 40Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 41Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 42Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 43Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 44Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 45Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 46Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 47Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
µPD75P4308
42
Data Sheet U10909EJ2V1DS
Interrupt input timing
INT0, 1, 2, 4
KR0-7
tINTL
tINTH
RESET input timing
RESET
tRSL
Data retention characteristics of data memory in STOP mode and at low supply voltage
(TA = –40 to +85˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Release signal set time
tSREL
0
µs
Oscillation stabilization
tWAIT
Released by RESET
215/fx
ms
wait timeNote 1
Released by interrupt request
Note 2
ms
Notes 1. The oscillation stabilization wait time is the time during which the CPU stops operating to prevent
unstable operation when oscillation is started.
2. Set by the basic interval timer mode register (BTM). (Refer to the table below.)
BTM3
BTM2
BTM1
BTM0
Wait time
fX = 4.19 MHz
fX = 6.0 MHz
–000
220/fX (approx. 250 ms)
220/fX (approx. 175 ms)
–011
217/fX (approx. 31.3 ms)
217/fX (approx. 21.8 ms)
–101
215/fX (approx. 7.81 ms)
215/fX (approx. 5.46 ms)
–111
213/fX (approx. 1.95 ms)
213/fX (approx. 1.37 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com