Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 48Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 49Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 50Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 51Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 52Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 53Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 54Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 55Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
µPD75P4308
50
Data Sheet U10909EJ2V1DS
APPENDIX A. COMPARISON OF
µPD750004, 754304, AND 75P4308 FUNCTIONS
(1/2)
Item
µPD750004
µPD754304
µPD75P4308
Program memory
Mask ROM
Mask ROM
One-time PROM
0000H-0FFFH
0000H-0FFFH
0000H-1FFFH
(4096
× 8 bits)
(4096
× 8 bits)
(8192
× 8 bits)
Data memory
000H-1FFH
000H-0FFH
(512
× 4 bits)
(256
× 4 bits)
CPU
75XL CPU
Instruction
When main system
• 0.95, 1.91, 3.81, 15.3
µs (@ 4.19 MHz)
execution time
clock is selected
• 0.67, 1.33, 2.67, 10.7
µs (@ 6.0 MHz)
When subsystem
122
µs
No subsystem clock
clock is selected
(@ 32.768 kHz)
I/O ports
CMOS input
8 (connections of on-chip pull-up resistors are software-specifiable: 7)
CMOS I/O
18 (connections of on-chip pull-up resistors are software-specifiable)
N-ch open-drain I/O
8 (on-chip pull-up resistors
4 (on-chip pull-up resistors
4 (No mask option)
(13-V withstand)
are specified by mask option) are specified by mask option)
Total
34
30 (No port 4 pin)
Timers
4 channels
3 channels
• Basic interval timer/
• Basic interval timer/watchdog timer
watchdog timer
• 8-bit timer/event counter 0 (fx/22 added)
• 8-bit timer/event counter
• 8-bit timer/event counter 1 (TI1, fx/22 added)
• 8-bit timer
(Can be used as a 16-bit timer/event counter)
• Watch timer
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz
(main system clock: @ 4.19 MHz)
•
Φ, 750, 375, 93.8 kHz
(main system clock: @ 6.0 MHz)
BUZ output
Yes
No
Serial interface
Can support three modes
Can support two modes
• 3-wire serial I/O mode
• 3-wire serial I/O mode...MSB/LSB-first switchable
...MSB/LSB-first switchable
• 2-wire serial I/O mode
• 2-wire serial I/O mode
• SBI mode
Watch mode register (WM)
Yes
No
System clock control register (SCC)
Sub-oscillator control register (SOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com