Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 26Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 27Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 28Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 29Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 30Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 31Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 32Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 33Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
µPD75P4308
28
Data Sheet U10909EJ2V1DS
8. ONE-TIME PROM (PROGRAM MEMORY) WRITE AND VERIFY
The program memory in the
µPD75P4308 is a 8192 × 8-bit electrically write-enabled one-time PROM. The pins
listed in the table below are used for this one-time PROM’s write/verify operations. Clock input from the X1 pin is used
instead of address input as a method for updating addresses.
Pin name
Function
VPP
Pin (usually VDD) where programming voltage is applied during
program memory write/verify
X1, X2
Clock input pin for address updating during program memory write/
verify. Input the X1 pin’s inverted signal to the X2 pin.
MD0-MD3
Operation mode selection pin for program memory write/verify
D0/P60/KR0-D3/P63/KR3 (lower 4) 8-bit data I/O pin for program memory write/verify
D4/P50-D7/P53 (upper 4)
VDD
Pin where power supply voltage is applied. Power voltage range
for normal operation is 1.8 to 5.5 V. Apply 6.0 V for program
memory write/verify.
Caution Pins not used for program memory write/verify connect to Vss via a pull-down resistor.
8.1 Operation Modes for Program Memory Write/Verify
When +6 V is applied to the
µPD75P4308’s VDD pin and +12.5 V is applied to its VPP pin, program write/verify modes
are in effect. Furthermore, the following detailed operation modes can be specified by setting pins MD0 to MD3 as
shown below.
Operation mode specification
Operation mode
VPP
VDD
MD0
MD1
MD2
MD3
+12.5 V
+6 V
H
L
H
L
Zero-clear program memory address
LH
HH
Write mode
LL
HH
Verify mode
H
×
HH
Program inhibit mode
× : L or H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com