Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 35Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 36Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 37Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 38Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 39Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 40Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 41Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 42Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
µPD75P4308
37
Data Sheet U10909EJ2V1DS
High-level output
ILOH1
VO = VDD
SCK, SO/SB0, Ports 2, 3, 6 to 8
3
µA
leakage current
ILOH2
VO = 13 V
Port 5 (N-ch open-drain)
20
µA
Low-level output
ILOL
VO = 0 V
–3
µA
leakage current
On-chip pull-up
RL
VI = 0 V
Ports 0 to 3, 6 to 8 (except P00 pin)
50
100
200
k
Ω
resistor
Supply currentNote 1
IDD1
VDD = 5.0 V
± 10 %Note 2
2.20
7.00
mA
VDD = 3.0 V
± 10 %Note 3
0.43
1.30
mA
IDD2
HALT
VDD = 5.0 V
± 10 %
0.53
1.60
mA
mode
VDD = 3.0 V
± 10 %
0.21
0.70
mA
IDD1
VDD = 5.0 V
± 10 %Note 2
1.70
5.10
mA
VDD = 3.0 V
± 10 %Note 3
0.35
1.10
mA
IDD2
HALT
VDD = 5.0 V
± 10 %
0.51
1.60
mA
mode
VDD = 3.0 V
± 10 %
0.19
0.60
mA
IDD5
STOP
VDD = 5.0 V
± 10 %
0.05
10.0
µA
mode
VDD = 3.0 V
± 10 %
0.02
5.00
µA
TA = 25˚C
0.02
3.00
µA
Notes 1. The current flowing through the on-chip pull-up resistor is not included.
2. When the device operates in high-speed mode with the processor clock control register (PCC) set to
0011.
3. When the device operates in low-speed mode with PCC set to 0000.
6.0 MHz
crystal
oscillation
C1 = C2
= 22 pF
4.19 MHz
crystal
oscillation
C1 = C2
= 22 pF
DC Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com