Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD75P4308GS
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 34Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 35Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 36Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 37Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 38Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 39Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 40Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 41Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
µPD75P4308
36
Data Sheet U10909EJ2V1DS
DC Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-level
IOL
Per pin
15
mA
output current
Total for all pins
150
mA
High-level input
VIH1
Ports 2, 3, 8
2.7 V
≤ VDD ≤ 5.5 V 0.7 VDD
VDD
V
voltage
1.8 V
≤ VDD < 2.7 V 0.9 VDD
VDD
V
VIH2
Ports 0, 1, 6, 7, RESET
2.7 V
≤ VDD ≤ 5.5 V 0.8 VDD
VDD
V
1.8 V
≤ VDD < 2.7 V 0.9 VDD
VDD
V
VIH3
Port 5
2.7 V
≤ VDD ≤ 5.5 V 0.7 VDD
13
V
(N-ch open-drain)
1.8 V
≤ VDD < 2.7 V 0.9 VDD
13
V
VIH4
X1
VDD–0.1
VDD
V
Low-level input
VIL1
Ports 2, 3, 5, 8
2.7 V
≤ VDD ≤ 5.5 V
0
0.3 VDD
V
voltage
1.8 V
≤ VDD < 2.7 V
0
0.1 VDD
V
VIL2
Ports 0, 1, 6, 7, RESET
2.7 V
≤ VDD ≤ 5.5 V
0
0.2 VDD
V
1.8 V
≤ VDD < 2.7 V
0
0.1 VDD
V
VIL3
X1
0
0.1
V
High-level output
VOH
SCK, SO, Ports 2, 3, 6 to 8
IOH = –1 mA
VDD–0.5
V
voltage
Low-level output
VOL1
SCK, SO, Ports 2, 3, 5 to 8
IOL = 15 mA,
0.2
2.0
V
voltage
VDD = 5.0 V
± 10 %
IOL = 1.6 mA
0.4
V
VOL2
SB0
N-ch open-drain
0.2 VDD
V
Pull-up resistor
≥ 1 kΩ
High-level input
ILIH1
VI = VDD
Pins other than port 5 and X1
3
µA
leakage current
ILIH2
X1
20
µA
ILIH3
VI = 13 V
Port 5 (N-ch open-drain)
20
µA
Low-level input
ILIL1
VI = 0 V
Pins other than port 5 and X1
–3
µA
leakage current
ILIL2
X1
–20
µA
ILIL3
Port 5 (N-ch open-drain)
–3
µA
Other than the input instruction
execution time
–30
µA
VDD = 5.0 V
–10
–27
µA
VDD = 3.0 V
–3
–8
µA
Port 5
(N-ch open-drain)
At the input
instruction
execution time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com