Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 21 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 21 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 17Page - Microchip Technology VSC8541-02 Datasheet HTML 18Page - Microchip Technology VSC8541-02 Datasheet HTML 19Page - Microchip Technology VSC8541-02 Datasheet HTML 20Page - Microchip Technology VSC8541-02 Datasheet HTML 21Page - Microchip Technology VSC8541-02 Datasheet HTML 22Page - Microchip Technology VSC8541-02 Datasheet HTML 23Page - Microchip Technology VSC8541-02 Datasheet HTML 24Page - Microchip Technology VSC8541-02 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
12
Figure 8 •
Cat5 Media Interface
3.4.2
Cat5 Auto-Negotiation and Parallel Detection
The VSC8541-02 device supports twisted pair auto-negotiation, as defined by IEEE 802.3-2008 Clause
28 and IEEE 802.3az-2010. The auto-negotiation process evaluates the advertised capabilities of the
local PHY and its link partner to determine the best possible operating mode. In particular, auto-
negotiation can determine speed, duplex configuration, and master or slave operating modes for
1000BASE-TX. Auto-negotiation also enables a connected MAC to communicate with its link partner
MAC through the VSC8541-02 device using optional next pages to set attributes that may not otherwise
be defined by the IEEE standard.
If the Category 5 (Cat5) link partner does not support auto-negotiation, the VSC8541-02 device
automatically uses parallel detection to select the appropriate link speed.
Auto-negotiation is disabled by clearing register 0, bit 12. When auto-negotiation is disabled, the state of
register bits 0.6, 0.13, and 0.8 determine the device operating speed and duplex mode.
Note: While 10BASE-T and 100BASE-TX do not require auto-negotiation, IEEE 802.3-2008 Clause 40 has
defined 1000BASE-T to require auto-negotiation.
3.4.3
Automatic Crossover and Polarity Detection
For trouble-free configuration and management of Ethernet links, the VSC8541-02 device includes a
robust automatic crossover detection feature for all three speeds on the twisted pair interface
(10BASE-T, 100BASE-T, and 1000BASE-T). Known as HP Auto-MDIX, the function is fully compliant
with Clause 40 of IEEE 802.3-2008.
Additionally, the device detects and corrects polarity errors on all MDI pairs—a useful capability that
exceeds the requirements of the standard.
Both HP Auto-MDIX detection and polarity correction are enabled in the device by default. Default
settings can be changed using device register bits 18.5:4. Status bits for each of these functions are
located in register 28.
TXVPA_
n
TXVNA_
n
TXVPB_
n
TXVNB_
n
TXVPC_
n
TXVNC_
n
TXVPD_
n
TXVND_
n
PHY Port_n
Transformer
RJ-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com