Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 52 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 52 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 48Page - Microchip Technology VSC8541-02 Datasheet HTML 49Page - Microchip Technology VSC8541-02 Datasheet HTML 50Page - Microchip Technology VSC8541-02 Datasheet HTML 51Page - Microchip Technology VSC8541-02 Datasheet HTML 52Page - Microchip Technology VSC8541-02 Datasheet HTML 53Page - Microchip Technology VSC8541-02 Datasheet HTML 54Page - Microchip Technology VSC8541-02 Datasheet HTML 55Page - Microchip Technology VSC8541-02 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
43
4.2.25
Device Auxiliary Control and Status
Register 28 provides control and status information for several device functions not controlled or
monitored by other device registers. The following table shows the settings available and the expected
readouts.
4.2.26
LED Mode Select
The device LED outputs are controlled using the bits in register 29 of the main register space. The
following table shows the information needed to access the functionality of each of the outputs. For more
Table 46 •
Auxiliary Control and Status, Address 28 (0x1C)
Bit Name
Access Description
Default
15
Autonegotiation complete
RO
Duplicate of bit 1.5 when auto-negotiation is
enabled, otherwise this is the current link
status.
0
14
Autonegotiation disabled
RO
Inverted duplicate of bit 0.12.
0
13
HP Auto-MDIX crossover indication
RO
1: HP Auto-MDIX crossover performed
internally.
0
12
CD pair swap
RO
1: CD pairs are swapped.
0
11
A polarity inversion
RO
1: Polarity swap on pair A.
0
10
B polarity inversion
RO
1: Polarity swap on pair B.
0
9
C polarity inversion
RO
1: Polarity swap on pair C.
0
8
D polarity inversion
RO
1: Polarity swap on pair D.
0
7
ActiPHY link status time-out control [1] R/W
Sticky bit. Bits 7 and 2 are part of the ActiPHY
Link Status time-out control. Bit 7 is the MSB.
00: 2.3 seconds.
01: 3.3 seconds.
10: 4.3 seconds.
11: 5.3 seconds.
0
6
ActiPHY mode enable
R/W
Sticky bit.
1: Enabled.
0
5
FDX status
RO
1: Full-duplex.
0: Half-duplex.
0
4:3 Speed status
RO
00: Speed is 10BASE-T.
01: Speed is 100BASE-TX.
10: Speed is 1000BASE-T.
11: Reserved.
00
2
ActiPHY link status time-out control [0] R/W
Sticky bit. Bits 7 and 2 are part of the ActiPHY
Link Status time-out control. Bit 7 is the MSB.
00: 2.3 seconds.
01: 3.3 seconds.
10: 4.3 seconds.
11: 5.3 seconds.
1
1:0 Media mode status
RO
00: No media selected.
01: Copper media selected.
10: Reserved.
11: Reserved.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com