Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 35 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 35 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 31Page - Microchip Technology VSC8541-02 Datasheet HTML 32Page - Microchip Technology VSC8541-02 Datasheet HTML 33Page - Microchip Technology VSC8541-02 Datasheet HTML 34Page - Microchip Technology VSC8541-02 Datasheet HTML 35Page - Microchip Technology VSC8541-02 Datasheet HTML 36Page - Microchip Technology VSC8541-02 Datasheet HTML 37Page - Microchip Technology VSC8541-02 Datasheet HTML 38Page - Microchip Technology VSC8541-02 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
26
When the EPG is enabled, packet loss occurs during transmission of packets from the MAC to the PHY.
However, the PHY receive output pins to the MAC are still active when the EPG is enabled. When it is
necessary to disable the MAC receive pins as well, set the register bit 0.10 to 1.
When the device register bit 29E1.14 is set to 1, the PHY begins transmitting Ethernet packets based on
the settings in registers 29E1 and 30E1. These registers set:
•
Source and destination addresses for each packet
•
Packet size
•
Interpacket gap
•
FCS state
•
Transmit duration
•
Payload pattern
When register bit 29E1.13 is set to 0, register bit 29E1.14 is cleared automatically after 30,000,000
packets are transmitted.
3.17.2
Far-End Loopback
The far-end loopback testing feature is enabled by setting register bit 23.3 to 1. When enabled, it forces
incoming data from a link partner on the current media interface into the MAC interface of the PHY where
it is retransmitted back to the link partner on the media interface, as shown in the following illustration. In
addition, the incoming data also appears on the receive data pins of the MAC interface. Data present on
the transmit data pins of the MAC interface is ignored when using this testing feature.
Figure 19 •
Far-End Loopback Diagram
3.17.3
Near-End Loopback
When the near-end loopback testing feature is enabled, transmitted data (TXD) is looped back in the
PCS block onto the receive data signals (RXD), as shown in the following illustration. When using this
testing feature, no data is transmitted over the network. To enable near-end loopback, set the device
register bit 0.14 to 1.
Figure 20 •
Near-End Loopback Diagram
3.17.4
Connector Loopback
The connector loopback testing feature allows the twisted pair interface to be looped back externally.
When using this feature, the PHY must be connected to a loopback connector or a loopback cable.
Connect pair A to pair B, and pair C to pair D, as shown in the following illustration. The connector
loopback feature functions at all available interface speeds.
Figure 21 •
Connector Loopback Diagram
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
TXD
RXD
MAC
PHY_port_
n
Cat5
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com