Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 98 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 98 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 93Page - Microchip Technology VSC8541-02 Datasheet HTML 94Page - Microchip Technology VSC8541-02 Datasheet HTML 95Page - Microchip Technology VSC8541-02 Datasheet HTML 96Page - Microchip Technology VSC8541-02 Datasheet HTML 97Page - Microchip Technology VSC8541-02 Datasheet HTML 98Page - Microchip Technology VSC8541-02 Datasheet HTML 99Page - Microchip Technology VSC8541-02 Datasheet HTML 100Page - Microchip Technology VSC8541-02 Datasheet HTML 101Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 98 / 101 page
background image
Design Considerations
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
89
8
Design Considerations
This section provides information about design considerations for the VSC8541-02 device.
8.1
Link status LED remains on while COMA_MODE pin is
asserted high
When the COMA_MODE is asserted high, the link status LED may not deactivate unless the media cable
is disconnected from the device.
While using COMA_MODE, link status should be verified using status registers rather than LED
indicators.
8.2
Forced 1000BASE-T mode blocks some SMI register
writes
When hardware strapping pins are used to force 1000BASE-T mode (as described in Forced
1000BASE-T Mode, page 11), register writes to some serial management interface (SMI) registers are
not allowed.
As a workaround for this issue when using hardware strapping pins to force 1000BASE-T mode, execute
the following register writes before performing any other SMI register writes to the device.
1.
Write 0x0000 to register address 31.
2.
Read register address 9.
3.
Modify read back value and set bits 15:13 to 0.
4.
Write updated value to register address 9.
After performing steps 1–4, all SMI register writes behave normally.
8.3
Forced 1000BASE-T mode incorrectly reports interrupt
status and PCS status counters
When operating in Forced 1000BASE-T mode, the device does not report interrupt status correctly within
the interrupt status register (see Interrupt Status, page 42). In addition, the device does not correctly
report 1000BASE-T Status Extension 2 (see 1000BASE-T Status Extension 2, page 37) or error counts
(see Error Counter 1, page 38, Error Counter 2, page 39, and Error Counter 3, page 39).
Contact Microsemi for more information.
8.4
10BASE-T signal amplitude
10BASE-T signal amplitude can be lower than the minimum specified in IEEE 802.3 paragraph
14.3.1.2.1 (2.2 V) at low supply voltages. Additionally, associated templates may be marginal or have
failures.
This issue is not estimated to present any system-level impact. Performance is not impaired with cables
up to 130 m with various link partners.
8.5
Receive error counter only clears when NRESET applied
in RMII mode
When operating in RMII MAC interface mode, the receive error counter of register 19 (Table 38, page 38)
does not clear upon read-back or software reset of the device. The only way to clear this register while in
RMII mode is to assert the NRESET pin of the device.
The receive error counter at register address 19 operates normally in MAC interface modes other than
RMII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com