Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 70 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 70 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 66Page - Microchip Technology VSC8541-02 Datasheet HTML 67Page - Microchip Technology VSC8541-02 Datasheet HTML 68Page - Microchip Technology VSC8541-02 Datasheet HTML 69Page - Microchip Technology VSC8541-02 Datasheet HTML 70Page - Microchip Technology VSC8541-02 Datasheet HTML 71Page - Microchip Technology VSC8541-02 Datasheet HTML 72Page - Microchip Technology VSC8541-02 Datasheet HTML 73Page - Microchip Technology VSC8541-02 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
61
4.6.2
PCS Status 1
The bits in the PCS Status 1 register provide a status of the EEE operation from the PCS for the link that
is currently active.
4.6.3
EEE Capability
This register is used to indicate the capability of the PCS to support EEE functions for each PHY type.
The following table shows the bit assignments for the EEE capability register.
4.6.4
EEE Wake Error Counter
This register is used by PHY types that support EEE to count wake time faults where the PHY fails to
complete its normal wake sequence within the time required for the specific PHY type. The definition of
the fault event to be counted is defined for each PHY and can occur during a refresh or a wakeup as
defined by the PHY. This 16-bit counter is reset to all zeros when the EEE wake error counter is read or
when the PHY undergoes hardware or software reset.
Table 79 •
PCS Status 1, Address 3.1
Bit
Name
Access Description
15:12 Reserved
RO
Reserved.
11
Tx LPI received
RO/LH
1: Tx PCS has received LPI.
0: LPI not received.
10
Rx LPI received
RO/LH
1: Rx PCS has received LPI.
0: LPI not received.
9
Tx LPI indication
RO
1: Tx PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
8
Rx LPI indication
RO
1: Rx PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
7:3
Reserved
RO
Reserved.
2
PCS receive link status RO/LL
1: PCS receive link up.
0: PCS receive link down.
1:0
Reserved
RO
Reserved.
Table 80 •
EEE Capability, Address 3.20
Bit
Name
Access Description
15:3 Reserved
RO
Reserved.
2
1000BASE-T EEE
RO
1: EEE is supported for 1000BASE-T.
0: EEE is not supported for 1000BASE-T.
1
100BASE-TX EEE
RO
1: EEE is supported for 100BASE-TX.
0: EEE is not supported for 100BASE-TX.
0
Reserved
RO
Reserved.
Table 81 •
EEE Wake Error Counter, Address 3.22
Bit
Name
Access Description
15:0 Wake error counter RO
Count of wake time faults for a PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com