Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-02 Datasheet(PDF) 28 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 28 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 24Page - Microchip Technology VSC8541-02 Datasheet HTML 25Page - Microchip Technology VSC8541-02 Datasheet HTML 26Page - Microchip Technology VSC8541-02 Datasheet HTML 27Page - Microchip Technology VSC8541-02 Datasheet HTML 28Page - Microchip Technology VSC8541-02 Datasheet HTML 29Page - Microchip Technology VSC8541-02 Datasheet HTML 30Page - Microchip Technology VSC8541-02 Datasheet HTML 31Page - Microchip Technology VSC8541-02 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
19
registers. The register set that controls the SMI consists of 32 16-bit registers, including all required
IEEE-specified registers. Additional pages of registers are accessible using device register 31.
Energy-efficient Ethernet control registers are available through the SMI using Clause 45 registers and
Clause 22 register access in registers 13 through 14.
The SMI is a synchronous serial interface with input data to the VSC8541-02 device on the MDIO pin that
is clocked on the rising edge of the MDC pin. The output data is sent on the MDIO pin on the rising edge
of the MDC signal. The interface can be clocked at a rate from 0 MHz to 12.5 MHz, depending on the
total load on MDIO. An external 2 k
Ω pull-up resistor is required on the MDIO pin.
3.10.1
SMI Frames
Data is transferred over the SMI using 32-bit frames with an optional, arbitrary-length preamble. Before
the first frame can be sent, at least two clock pulses on MDC must be provided with the MDIO signal at
logic one to initialize the SMI state machine. The following illustrations show the SMI frame format for
read and write operations.
Figure 14 •
SMI Read Frame
Figure 15 •
SMI Write Frame
The following list defines the terms used in the SMI read and write timing diagrams.
•
Idle—During idle, the MDIO node goes to a high-impedance state. This allows an external pull-up
resistor to pull the MDIO node up to a logical 1 state. Because the idle mode does not contain any
transitions on MDIO, the number of bits is undefined during idle.
•
Preamble—By default, preambles are not expected or required. The preamble is a string of ones. If
it exists, the preamble must be at least 1 bit; otherwise, it can be of an arbitrary length.
•
Start of Frame Delimiter (SFD—A pattern of 01 indicates the start of frame. If the pattern is not 01,
all following bits are ignored until the next preamble pattern is detected.
•
Read or Write Opcode—A pattern of 10 indicates a read. A 01 pattern indicates a write. If the bits
are not either 01 or 10, all following bits are ignored until the next preamble pattern is detected.
•
PHY Address—The particular VSC8541-02 device responds to a message frame only when the
received PHY address matches its physical address. The physical address is 5 bits long (4:0).
•
Register Address—The next five bits are the register address.
•
Turnaround—The two bits used to avoid signal contention when a read operation is performed on
the MDIO are called the turnaround (TA) bits. During read operations, the VSC8541-02 device drives
the second TA bit, a logical 0.
MDIO
Idle Preamble
(optional)
SFD
Read
MDC
Station manager drives MDIO
PHY drives MDIO
PHY Address
Register Address
to PHY
TA
Register Data
from PHY
Idle
ZZ
Z
11
00
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
1
MDIO
Idle Preamble
(optional)
SFD
Write
MDC
Station manager drives MDIO (PHY tri-states MDIO during the entire sequence)
PHY Address
Register Address
to PHY
TA
Register Data
to PHY
Idle
ZZ
1
11
01
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com