Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 7Page - ATMEL Corporation TSS461C Datasheet HTML 8Page - ATMEL Corporation TSS461C Datasheet HTML 9Page - ATMEL Corporation TSS461C Datasheet HTML 10Page - ATMEL Corporation TSS461C Datasheet HTML 11Page - ATMEL Corporation TSS461C Datasheet HTML 12Page - ATMEL Corporation TSS461C Datasheet HTML 13Page - ATMEL Corporation TSS461C Datasheet HTML 14Page - ATMEL Corporation TSS461C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
TSS461C
4193G–AUTO–12/04
VAN Protocol
Line Interface
There are three line inputs and one line output available on the TSS461C. The three
inputs are either programmed by software or automatically selected by a diagnosis
system.
The diagnosis system continuously monitors the data received through the three inputs,
and compares them and the selected bitrate. It then chooses the most reliable input
according to the results.
The data on the line is encoded according to the VAN standard ISO/11519-3. This
means that the TSS461C is using a two-level signal having a recessive (1) and a domi-
nant (0) state. Furthermore, due to the simple medium used, all data transmitted on the
bus is also received simultaneously.
Consequently, the VAN protocol is a CSMA/CD (Carrier Sense Multiple Access/Colli-
sion Detection) protocol, allowing for continuous bitwise arbitration of the bus, and non-
destructive (for the higher priority message) collision detection.
Figure 4. CSMA/CD Arbitration
In addition to the VAN specification there is also a pulsed coding of the dominant and
recessive states. This mode is intended to be used with an optical or radio link. In this
mode, the dominant state for the transmitter is a low pulse, (2x prescaled clocks at the
beginning of the bit) and the recessive state is just a high level. When receiving in this
mode, it is not the state of the signal which is decoded, but the edges. Also, reception is
imposed on the RxD0 input, and the diagnosis system does not operate correctly.
In addition, in this mode there is an internal loopback in the circuit since optical trans-
ceivers are not able to receive the signal that they transmit.
Node a: TxD
Node a loses the arbitration
Node a releases the bus
Node b wins the arbitration
Node c loses the arbitration
Node c releases the bus
R
D
Node b: TxD
R
D
Node c: TxD
R
D
On Bus: DATA
R
D
Arbitration field
R: Recessive Level
D: Dominant Level
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com